Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 65Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 66Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 67Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 68Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 69Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 70Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 71Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 72Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CPU
Preliminary
3-3
3.2.6 Coprocessor CP15
The ARM940T cached processor macrocell includes the ARM9TDMI microprocessor
core, instruction and data caches, a write-buffer, and a protection unit for defining the
attributes of regions of memory.
The ARM940T incorporates two coprocessors:
CP14 which allows software access to the debug communications channel
CP15 which allows configuration of the caches, protection unit, and other system
options such as clock operation.
The register map of CP15 is shown in the following table.
Table 3.1 CP15 Register Map
Register
Function
Access
0
ID code / Cache type
note
1
Control
Read / Write
2
Cacheable
note
3
Write buffer control
Read / Write
4
Reserved
-
5
Protection region access permissions
note
6
Protection region base/size control
note
7
Cache operations
Write only
8
Reserved
-
9
Cache lockdown
Read / Write
10 – 14
Reserved
-
15
Test
Not accessed in normal operation
NOTE: Register of 0, 2, 5, and 6 each provide access to more than one register. The
register accessed depends on the value of the opcode_2 field. Refer to the
register descriptions for further information.
3.2.7
Protection Unit
The protection unit is used to partition memory and set individual protection attributes
for each partition. The instruction address space and the data address space can each be
divided up to 8 regions of variable size.
The protection unit is programmed via CP15 registers 1, 2, 3, 5 and 6.
Before the protection unit is enabled, at least one valid data and instruction region must
be programmed. If they are not programmed, the ARM940T can enter a state that is
recoverable only by reset. Setting bit 0 of the CP15 register 1 (the control register)
enables the protection unit.
When the protection unit is disabled, all instruction fetches are non-cacheable and all
data accesses are non-cacheable and non-bufferable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com