Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 30Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 31Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 32Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 33Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 34Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 35Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 36Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 37Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-24
Signal Name
Shared Signal
Ball
Type Description – TCC766
MST[2]
P10
I/O
Memory Card Configuration Select Bit 2
MST[2:0]
Configuration
111
Record in flash memory by AP
001
Only support MMC/SD card
010
Only support MS/MS_Pro/New MS card
011
Support two kinds of card above.
And
MMC/SD is the first slot in USB mode.
100
Support two kinds of card above.
And
MS/MS_Pro/New MS card is the first slot in
USB mode.
MST[1]
T9
I/O
Memory Card Configuration Select Bit 1
MST[0]
T10
I/O
Memory Card Configuration Select Bit 0
Flash Memory Interface Pins
ND_D[15]
C16
I/O
Flash Data Bus Bit 15
ND_D[14]
D15
I/O
Flash Data Bus Bit 14
ND_D[13]
D16
I/O
Flash Data Bus Bit 13
ND_D[12]
E16
I/O
Flash Data Bus Bit 12
ND_D[11]
E15
I/O
Flash Data Bus Bit 11
ND_D[10]
F15
I/O
Flash Data Bus Bit 10
ND_D[9]
F14
I/O
Flash Data Bus Bit 9
ND_D[8]
F16
I/O
Flash Data Bus Bit 8
ND_D[7]
T16
I/O
Flash Data Bus Bit 7
ND_D[6]
P15
I/O
Flash Data Bus Bit 6
ND_D[5]
R15
I/O
Flash Data Bus Bit 5
ND_D[4]
T14
I/O
Flash Data Bus Bit 4
ND_D[3]
R14
I/O
Flash Data Bus Bit 3
ND_D[2]
T15
I/O
Flash Data Bus Bit 2
ND_D[1]
R13
I/O
Flash Data Bus Bit 1
ND_D[0]
P13
I/O
Flash Data Bus Bit 0
ND_nCE[1]
R3
I/O
Flash Chip Enable 1, Low active.
ND_nCE[0]
R2
I/O
Flash Chip Enable 0, Low active.
ND_ALE
R11
O
Flash Address Latch Enable, High active.
ND_CLE
R12
O
Flash Command Latch Enable, High active.
ND_nOE
P11
O
Flash Read Control signal, Low active.
ND_nWE
T11
O
Flash Write Control signal, Low active.
ND_nWP
P12
I/O
Flash Write Protect Control signal, Low active.
ND_RDY
T12
I
Flash Ready/Busy signal. Pull-up resistor required.
ND_WP_CTL
A12
I/O
Flash Write Protect Control Enable Input. ND_nWP
signal output is enabled when this signal is high.
PRTST
K1
I/O
NAND Flash low level format control signal with internal
pull-up. Pull-up for normal operation (low level format
disabled).
AGN_nRESET
M15
I/O
Active low reset signal to AGAND Flash.
Miscellaneous Pins
ACT_nSPND
M16
I/O
Power Control Status Output. High indicates power on
state (Access Mode), low indicates power off state
(Suspend Mode).
ACS_IND
N1
I/O
Flash Memory Access Indicator with internal pull-up. This
signal will be blinking when Flash Memory is accessed.
U_CF
J16
I
Internal IDE Mode Select Signal.
For normal operation,
connect this signal to GPIO_A[5].
U_nRESET
B15
I
Reset Signal
U_nEA
L15
I
EAMODE Select for Test. Pull-up for normal operation.
U_nTEST
C13
I
Test Mode. (active low). Pull-up for normal operation.
TESTCS2
GPIO_B[4]
R7
I/O
Chip Select 2 for the internal IDE interface. This signal is
internally connected to GPIO_B[4]. Do not connect to
external component.
TESTCS0
GPIO_B[2]
P6
I/O
Chip Select 1 for the internal IDE interface. This signal is
internally connected to GPIO_B[2]. Do not connect to
external component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com