Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 61Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 62Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 63Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 64Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 65Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 66Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 67Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 68Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ADDRESS & REGISTER MAP
Preliminary
2-11
Table 2.17 LCD Controller Register Map (Base = 0x80000F00)
Name
Address
Type
Reset
Description
LCTRL
0x00
R/W
0x00000006
control register
LCLKDIV
0x04
R/W
0x00000000
ac-bias clock and pixel clock divisor
LHTIME1
0x08
R/W
0x00000000
Horizontal axis timing control register1
LHTIME2
0x0C
R/W
0x00000000
Horizontal axis timing control register2
LVTIME1
0x10
R/W
0x00000000
Vertical axis timing control register1
LVTIME2
0x14
R/W
0x00000000
Vertical axis timing control register2
LVTIME3
0x18
R/W
0x00000000
Vertical axis timing control register3
LVTIME4
0x1C
R/W
0x00000000
Vertical axis timing control register4
LLUTRD
0x20
R/W
0x00000000
Lookup table for red color
LLUTGR
0x24
R/W
0x00000000
Lookup table for green color
LLUTBL
0x28
R/W
0x00000000
Lookup table for blue color
LDP7L
0x2C
R/W
0x4D2B3401
modulo 7 dithering pattern low register
LDP7H
0x30
R/W
0x0000003F
modulo 7 dithering pattern high register
LDP5
0x34
R/W
0x1D0B0610
modulo 5 dithering patterns
LDP4
0x38
R/W
0x00000768
modulo 4 dithering patterns
LDP3
0x3C
R/W
0x00000034
Modulo 3 dithering patterns
LDS
0x40
R/W
0x00000000
Display size register
LSTATUS
0x44
R/Clear
0x00000000
Status register
LIM
0x48
R/W
0x00000007
Interrupt mask register
LIP
0x4C
R/W
0x00000000
Image position register
LIS
0x50
R/W
0x00000000
Image size register
LIBA0
0x54
R/W
0x00000000
Image base address register 0
LICA0
0x58
R
0x00000000
Image current address register
LIBA1
0x5C
R/W
0x00000000-
Image base address register 1
LIBA2
0x60
R/W
0x00000000
Image base address register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com