Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 83Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 84Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 85Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 86Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 87Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 88Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 89Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 90Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTERRUPT CONTROLLER
Preliminary
5-5
Masked Interrupt Request Register (MREQ)
0x80000114
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CIF
I2C
ADC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDY
TC32 DMA
LCD CDIF
UBH
GS
UB
UT
TC
I2T
I2R
E3
E2
E1
E0
Same meaning as IREQ except that it represents only that of the enabled interrupts. Only the flags of enabled
interrupts can be checked by this register. It is recommended that use MREQ register instead of IREQ in the
interrupt handler routine.
Test Mode Register (TSTREQ)
0x80000118
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CIF
I2C
ADC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDY
TC32 DMA
LCD CDIF
UBH
GS
UB
UT
TC
I2T
I2R
Reserved
This register can be used to generate an interrupt by writing 1 at the corresponding bit of the internal interrupt
source. This register is for testing purpose only. It must be remained zero during normal operation.
IRQ Raw Status Register (IRQ)
0x80000120
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CIF
I2C
ADC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDY
TC32 DMA
LCD CDIF
UBH
GS
UB
UT
TC
I2T
I2R
E3
E2
E1
E0
This register reflects IREQ bits selected when the corresponding IRQSEL bit is low (IREQ & IRQSEL)
FIQ Raw Status Register (FIQ)
0x80000124
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CIF
I2C
ADC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDY
TC32 DMA
LCD CDIF
UBH
GS
UB
UT
TC
I2T
I2R
E3
E2
E1
E0
This register reflects IREQ bits selected when corresponding IRQSEL bit is high (~IREQ & IRQSEL).
Masked IRQ Raw Status Register (MIRQ)
0x80000128
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CIF
I2C
ADC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDY
TC32 DMA
LCD CDIF
UBH
GS
UB
UT
TC
I2T
I2R
E3
E2
E1
E0
MIRQ = IRQ & IEN
Masked FIQ Raw Status Register (MFIQ)
0x8000012C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CIF
I2C
ADC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDY
TC32 DMA
LCD CDIF
UBH
GS
UB
UT
TC
I2T
I2R
E3
E2
E1
E0
MFIQ = FIQ & IEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com