Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 37Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 38Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 39Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 40Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 41Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 42Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 43Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 44Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-31
Signal Name
Shared Signal
Ball
Type Description – TCC767
IIDE_INTRQ
A3
O
Active high Interrupt Request. This pin should be
connected to one of EXINT[3:0]/GPIO_A[15:12] pins.
IIDE_nRESET
B8
I
Active low hardware reset.
IIDE_nCS3
P5
I
Chip Select 3 for the internal IDE interface. This signal
should be connected to one of nCS[2:0]/GPIO_B[4:2].
IIDE_nCS1
P1
I
Chip Select 1 for the internal IDE interface. This signal
should be connected to one of nCS[2:0]/GPIO_B[4:2].
IIDE_nUSB
J14
I
IDE / USB Mode Selection signal.
1: IDE Mode, 0: USB Mode.
U_CF
G15
I
Internal IDE Mode Select Signal.
For normal operation,
connect this signal to IIDE_nUSB described above.
U_nRESET
C11
I
Reset Signal
U_nEA
H14
I
EAMODE Select for Test. Pull-up for normal operation.
U_nTEST
C12
I
Test Mode. (active low). Pull-up for normal operation.
TEST_MWP
N8
I
Reserved for Chip Test. Pull-up for normal operation.
TEST_AG
C4
I
Reserved for Chip Test. Pull-down for normal operation.
TEST_SP
A4
I/O
Reserved for Chip Test. Pull-down for normal operation.
TESTEASL
C9
I
Reserved for Chip Test. Pull-down for normal operation.
TESTHOE
N7
I/O
Reserved for Chip Test. Pull-down for normal operation.
TESTHWE
R4
I/O
R eserved for Chip Test. Pull-up for normal operation.
TESTREG
J10
I/O
R eserved for Chip Test. Pull-up for normal operation.
TESTPACK
A8
I/O
Reserved for Chip Test.
TESTIS16
A9
I/O
Reserved for Chip Test.
TESTIO7
J3
I/O
Reserved for Chip Test.
TESTIO6
J2
I/O
Reserved for Chip Test.
TESTIO5
J1
I/O
Reserved for Chip Test.
TESTIO4
K1
I/O
Reserved for Chip Test.
TESTCE4
K13
I/O
Reserved for Chip Test.
TESTCE3
M8
I/O
Reserved for Chip Test.
TESTCE2
L8
I/O
Reserved for Chip Test.
TESTFAL
L14
O
Reserved for Chip Test.
TESTFCL
K15
O
Reserved for Chip Test.
TESTFRD
M15
O
Reserved for Chip Test.
TESTFWE
L15
O
Reserved for Chip Test.
Power Pins
VDDIO
F1
PWR
Digital Power for I/O (3.3V)
VDDIO
L5
PWR
Digital Power for I/O (3.3V)
VDDIO
J12
PWR
Digital Power for I/O (3.3V)
VDDIO
D8
PWR
Digital Power for I/O (3.3V)
VDDIO_USB
P14
PWR
Power for USB I/O (3.3V)
VDD_NOR
A2
PWR
Digital Power for NOR Flash (3.3V)
VDD_OSC
K14
PWR
Digital Power for Oscillators (1.8V)
VDDI
F5
PWR
Digital Power for Internal Core (1.8V)
VDDI
H3
PWR
Digital Power for Internal Core (1.8V)
VDDI
N5
PWR
Digital Power for Internal Core (1.8V)
VDDI
G10
PWR
Digital Power for Internal Core (1.8V)
VDDI
E8
PWR
Digital Power for Internal Core (1.8V)
VDDI
D6
PWR
Digital Power for Internal Core (1.8V)
VDDA_ADC
G11
PWR
Analog Power forADC (3.3V)
VDDA_PLL
H12
PWR
Analog & Digital Power for PLL (1.8V)
VSSIO
D4
GND
Digital Ground for I/O
VSSIO
L4
GND
Digital Ground for I/O
VSSIO
N6
GND
Digital Ground for I/O
VSSIO
L12
GND
Digital Ground for I/O
VSSIO
D13
GND
Digital Ground for I/O
VSS_NOR
E9
GND
Digital Ground for NOR Flash
VSSI
F3
GND
Digital Ground for Internal
VSSI
K5
GND
Digital Ground for Internal
VSSI
L9
GND
Digital Ground for Internal
VSSI
F12
GND
Digital Ground for Internal
VSSI
F8
GND
Digital Ground for Internal
VSSI
F6
GND
Digital Ground for Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com