Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 53Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 54Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 55Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 56Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 57Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 58Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 59Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 60Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ADDRESS & REGISTER MAP
Preliminary
2-3
2.2 Register Map
Table 2.3 DAI & CDIF Register Map (Base = 0x80000000)
Name
Address
Type
Reset
Description
DADI_L0
0x00
R
-
DigitalAudio Left Input Register 0
DADI_R0
0x04
R
-
DigitalAudio Right Input Register 0
DADI_L1
0x08
R
-
DigitalAudio Left Input Register 1
DADI_R1
0x0C
R
-
DigitalAudio Right Input Register 1
DADI_L2
0x10
R
-
DigitalAudio Right Input Register 2
DADI_R2
0x14
R
-
DigitalAudio Right Input Register 2
DADI_L3
0x18
R
-
DigitalAudio Right Input Register 3
DADI_R3
0x1C
R
-
DigitalAudio Right Input Register 3
DADO_L0
0x20
R/W
-
DigitalAudio Left Output Register 0
DADO_R0
0x24
R/W
-
DigitalAudio Right Output Register 0
DADO_L1
0x28
R/W
-
DigitalAudio Left Output Register 1
DADO_R1
0x2C
R/W
-
DigitalAudio Right Output Register 1
DADO_L2
0x30
R/W
-
DigitalAudio Left Output Register 2
DADO_R2
0x34
R/W
-
DigitalAudio Right Output Register 2
DADO_L3
0x38
R/W
-
DigitalAudio Left Output Register 3
DADO_R3
0x3C
R/W
-
DigitalAudio Right Output Register 3
DAMR
0x40
R/W
0x0000
DigitalAudio Mode Register
DAVC
0x44
R/W
0x0000
DigitalAudio Volume Control Register
CDDI_0
0x80
R
-
CD DigitalAudio Input Register 0
CDDI_1
0x84
R
-
CD DigitalAudio Input Register 1
CDDI_2
0x88
R
-
CD DigitalAudio Input Register 2
CDDI_3
0x8C
R
-
CD DigitalAudio Input Register 3
CICR
0x90
R/W
0x0000
CD Interface Control Register
Table 2.4 Interrupt Controller Register Map (Base = 0x80000100)
Name
Address
Type
Reset
Description
IEN
0x00
R/W
0x0000
Interrupt Enable Register
CREQ
0x04
W
-
Clear Interrupt Request Register
IREQ
0x08
R
0x0000
Interrupt Request Flag Register
IRQSEL
0x0C
R/W
0x0000
IRQ/FIQ Select Register
ICFG
0x10
R/W
0x0000
External interrupt configuration register
MREQ
0x14
R
0x0000
Masked interrupt request flag register
TSTREQ
0x18
R/W
0x0000
Test Mode Register (must be remained zero)
IRQ
0x20
R
-
IRQ Raw Status
(IREQ & IRQSEL)
FIQ
0x24
R
-
FIQ Raw Status
(~IREQ & IRQSEL)
MIRQ
0x28
R
-
Masked IRQ Status (IRQ & IEN)
MFIQ
0x2C
R
-
Masked FIQ Status (FIQ & IEN)
TMODE
0x30
R/W
0x000007C0 Trigger Mode (0: edge, 1:level)
SYNC
0x34
R/W
0x00000000
Synchronizer Control
WKUP
0x38
R/W
0x00000000
Wakeup Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com