Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 42Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 43Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 44Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 45Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 46Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 47Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 48Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 49Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-36
Signal Name
Shared Signal
Ball Type Description – TCC768
VDDI
C1
PWR
Digital Power for Internal Core (1.8V)
VDDI
H3
PWR
Digital Power for Internal Core (1.8V)
VDDI
J3
PWR
Digital Power for Internal Core (1.8V)
VDDI
C8
PWR
Digital Power for Internal Core (1.8V)
VDDI
C4
PWR
Digital Power for Internal Core (1.8V)
VDDI
D12
PWR
Digital Power for Internal Core (1.8V)
VDDA_ADC
F11
PWR
Analog Power forADC (3.3V)
VDDA_PLL
H11
PWR
Analog & Digital Power for PLL (1.8V)
HPVDD
F12
PWR
Analog Power for HeadphoneAmp
VDDB_CDC
M8
PWR
Digital Buffer Power for CODEC
VDDC_CDC
M6
PWR
Core Power for CODEC
AVDD
A5
PWR
Analog Power for CODEC
VSSIO
A1
GND
Digital Ground for I/O
VSSIO
K1
GND
Digital Ground for I/O
VSSIO
K5
GND
Digital Ground for I/O
VSSIO
L12
GND
Digital Ground for I/O
VSSIO
B12
GND
Digital Ground for I/O
VSSIO
H12
GND
Digital Ground for I/O
VSSIO
B9
GND
Digital Ground for I/O
VSSIO
A11
GND
Digital Ground for I/O
VSS_CDC
M7
GND
Digital Ground for CODEC
VSSI
D1
GND
Digital Ground for Internal
VSSI
J2
GND
Digital Ground for Internal
VSSI
K7
GND
Digital Ground for Internal
VSSI
C7
GND
Digital Ground for Internal
VSSI
B4
GND
Digital Ground for Internal
VSSI
F9
GND
Digital Ground for Internal
VSSA_ADC
C12
GND
Analog Ground forADC
VSSA_PLL
G11
GND
Analog Ground for PLL
AGND
C5
GND
Analog Ground for CODEC
Table 1.9 Pin Comparison – TCC763 vs. TCC768
Ball # TCC763 Rev. 1
TCC768
Note
D2
GPIO_D18
VDDIO
Power for I/O and Memory
H12
GPIO_D19
VSSIO
Ground for I/O and Memory
A8
ROUT
VDDIO
Power for I/O and Memory
B9
LOUT
VSSIO
Ground for I/O and Memory
A6
VDD_NOR
VDDIO
Power for I/O and Memory
A11
VSS_NOR
VSSIO
Ground for I/O and Memory
D12
VDDI_ADC
VDDI
Core power. (1.8V)
F9
VSSI_ADC
VSSI
Core ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com