Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 7Page - STMicroelectronics TDA7400D Datasheet HTML 8Page - STMicroelectronics TDA7400D Datasheet HTML 9Page - STMicroelectronics TDA7400D Datasheet HTML 10Page - STMicroelectronics TDA7400D Datasheet HTML 11Page - STMicroelectronics TDA7400D Datasheet HTML 12Page - STMicroelectronics TDA7400D Datasheet HTML 13Page - STMicroelectronics TDA7400D Datasheet HTML 14Page - STMicroelectronics TDA7400D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2.4V(00)
0.9V
VPEAK
E'
D97AU650
1.9V(01)
1.4V(10)
MONO
STEREO
noisy signal
good signal
ATC_SB OFF (11)
NOISE
»3V
Figure 3. Fieldstrength Controlled Trigger Adjustment
Multipath Detector
Internal 19kHz band pass filter
Programmable band pass and rectifier gain
two pin solution fully independent usable for
external programming
selectable internal influence on Stereoblend
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fCMP
Center Frequency of Multipath-
Bandpass
stereodecoder locked on Pilottono
19
KHz
GBPMP
Bandpass Gain
bits D2, D1 configuration byte = 00
6
dB
bits D2, D1 configuration byte = 10
12
dB
bits D2, D1 configuration byte = 01
16
dB
bits D2, D1 configuration byte = 11
18
dB
GRECTMP
Rectifier Gain
bits D7, D6 configuration byte = 00
7.6
dB
bits D7, D6 configuration byte = 01
4.6
dB
bits D7, D6 configuration byte = 10
0
dB
bits D7, D6 configuration byte = 11
off
dB
ICHMP
Rectifier Charge Current
bit D5 configuration byte = 0
0.5
µA
bit D5 configuration byte = 1
1.0
µA
IDISMP
Rectifier Discharge Current
0.5
1
1.5
mA
Quality Detector
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
A
Multipath Influence Factor
bit D7 High-Cut byte +
bit D7 Fieldstrength byte +
00
01
10
11
0.7
0.85
1.00
1.15
TDA7400D
11/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com