Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 15Page - STMicroelectronics TDA7400D Datasheet HTML 16Page - STMicroelectronics TDA7400D Datasheet HTML 17Page - STMicroelectronics TDA7400D Datasheet HTML 18Page - STMicroelectronics TDA7400D Datasheet HTML 19Page - STMicroelectronics TDA7400D Datasheet HTML 20Page - STMicroelectronics TDA7400D Datasheet HTML 21Page - STMicroelectronics TDA7400D Datasheet HTML 22Page - STMicroelectronics TDA7400D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
By rectifying the MPX signal a further signal rep-
resenting the actual deviation is obtained. It is
used to increase the PEAK voltage. Offset and
gain of this circuit are programmable in 3 steps
with the bits D6 and D7 of the stereodecoder byte
(the first step turns off the detector, see fig. 15).
FUNCTIONAL DESCRIPTION OF THE MULTI-
PATH DETECTOR
Using the internal multipath detector the audible
effects of a multipath condition can be minimized.
A multipath condition is detected by rectifying the
19kHz spectrum in the fieldstrength signal.
An external capacitor is used to define the attack
and decay times (see block diagram fig. 23). the
MPOUT pin is used as detector output connected
to a capacitor of about 47nF and additionally the
MPIN pin is selected to be the fieldstrength input.
Using the configuration an external adaptation to
the user’s requiremet is given in fig.25.
Selecting the "internal influence" in the configura-
tion byte, the channel separation is automatically
reduced during a multipath condition according to
the voltage appearing at the MP_OUT pin.
A
possible application is shown in fig. 26.
Programming
To obtain a good multipath performance an adap-
tation is necessary. Therefore tha gain of the
19kHz bandpass is programmable in four steps
as well as the rectifier gain. The attack and decay
times can be set by the external capacitor value.
QUALITY DETECTOR
The TDA7400D offers a quality detector output
which gives a voltage representing the FM recep-
tion conditions. To calculate this voltage the MPX
noise and the multipath detector output are
summed according to the following formula:
Quality = 1.6 (Vnoise -0.8V)+ a (REF5V- VMPOUT)
The noise signal is the PEAK signal without addi-
tional influences. The factor "a" can be pro-
grammed from 0.7 to 1.15. the output is a low im-
pedance output able to drive external circuitry as
well as simply fed to an A/D converter for RDS
applications.
TEST MODE
During the test mode which can be activated by
setting bit D0 of the testing byte and bit D5 of the
subaddress byte to "1" several internal signals
are available at the CASSR pin.
During this mode the input resistor of 100kOhm is
disconnected from the pin. The internal signals
available are shown in the software specification.
RECTIFIER
BANDPASS
19KHz
-
to SB
D98AU857
MP_IN
GAIN
2 BITS
GAIN
2 BITS
CHARGE
1 bit
VDD
MPOUT
LEVEL
int. INFLUENCE
47nF
Figure 18. Block Diagram of the Multipath Detector
TDA7400D
19/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com