Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 11Page - STMicroelectronics TDA7400D Datasheet HTML 12Page - STMicroelectronics TDA7400D Datasheet HTML 13Page - STMicroelectronics TDA7400D Datasheet HTML 14Page - STMicroelectronics TDA7400D Datasheet HTML 15Page - STMicroelectronics TDA7400D Datasheet HTML 16Page - STMicroelectronics TDA7400D Datasheet HTML 17Page - STMicroelectronics TDA7400D Datasheet HTML 18Page - STMicroelectronics TDA7400D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
FUNCTIONAL DESCRIPTION OF STEREODE-
CODER
The stereodecoder part of the TDA7400D (see
Fig. 12) contains all functions necessary to de-
modulate the MPX signal like pilot tone depend-
ent
MONO/STEREO
switching
as
well
as
"stereoblend" and "highcut" functions.
Stereodecoder Mute
The TDA7400D has a fast and easy to control
RDS mute function which is a combination of the
audioprocessor’s softmute and the high-ohmic
mute of the stereodecoder. If the stereodecoder
is selected and a softmute command is sent (or
activated through the SM pin) the stereodecoder
will be set automatically to the high-ohmic mute
condition after the audio signal has been soft-
muted.
Hence a checking of alternate frequencies could
be performed. To release the system from the
mute condition simply the unmute command must
be sent: the stereodecoder is unmuted immedi-
ately and the audioprocessor is softly unmuted.
Fig. 13 shows the output signal VO as well as the
internal stereodecoder mute signal. This influ-
ence of Softmute on the stereodecoder mute can
be switched off by setting bit 3 of the Softmute
byte to "0". A stereodecoder mute command (bit
0, stereodecoder byte set to "1") will set the
stereodecoder in any case independently to the
high-ohmic mute state.
If any other source than the stereodecoder is se-
lected the decoder remains muted and the MPX
pin is connected to Vref to avoid any discharge of
the coupling capacitor through leakage currents.
Ingain + Infilter
The Ingain stage allows to adjust the MPX signal
to a magnitude of about 1Vrms internally which is
the recommended value. The 4th order input filter
has a corner frequency of 80KHz and is used to
attenuate spikes and nose and acts as an anti al-
lasing filter for the following switch capacitor fil-
ters.
Demodulator
In the demodulator block the left and the right
channel are separated from the MPX signal. In
this stage also the 19 kHz pilot tone is cancelled.
For reaching a high channel separation the
TDA7400D offers an I2C bus programmable roll-
INGAIN
3.5 ... 11dB
STEP 2.5dB
INFILTER
LP 80KHz
4.th ORDER
DEMODULATOR
- PLOT CANC
- ROLL-OFF COMP.
- LP 25KHz
PLL +
PILOT-DET.
F19
NOISE BLANKER
F38
STEREO
HOLDN
SB CONTROL
DEEMPHASIS
+ HIGHCUT
t=50 or 75
µs
REF 5V
VSBL
MPINFL
LEVEL INTERN
HC
CONTROL
VHCCH
VHCCL
-
MULTIPATH
DETECTOR
D
A
MP_OUT
LEVEL INPUT
LP 2.2KHZ
1.th ORDER
MP_IN
LEVEL
FM_L
FM_R
MPX
100K
D98AU855
GAIN 0..10dB
MPLEVELOUT
QUALITY DETECTOR
QUAL
NOISE
+
Figure 12. Block Diagram of the Stereodecoder
TDA7400D
15/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com