Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 20Page - STMicroelectronics TDA7400D Datasheet HTML 21Page - STMicroelectronics TDA7400D Datasheet HTML 22Page - STMicroelectronics TDA7400D Datasheet HTML 23Page - STMicroelectronics TDA7400D Datasheet HTML 24Page - STMicroelectronics TDA7400D Datasheet HTML 25Page - STMicroelectronics TDA7400D Datasheet HTML 26Page - STMicroelectronics TDA7400D Datasheet HTML 27Page - STMicroelectronics TDA7400D Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Noiseblanker (subaddress AH)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Low Threshold 65mV
Low Threshold 60mV
Low Threshold 55mV
Low Threshold 50mV
Low Threshold 45mV
Low Threshold 40mV
Low Threshold 35mV
Low Threshold 30mV
0
0
1
1
0
1
0
1
Noise Controlled Threshold 320mV
Noise Controlled Threshold 260mV
Noise Controlled Threshold 200mV
Noise Controlled Threshold 140mV
0
1
Noise blanker OFF
Noise blanker ON
0
0
1
1
0
1
0
1
Over deviation Adjust 2.8V
Over deviation Adjust 2.0V
Over deviation Adjust 1.2V
Over deviation Detector OFF
High Cut (subaddress BH)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
High Cut OFF
High Cut ON
0
0
1
1
0
1
0
1
Max. High Cut 2dB
Max. High Cut 5dB
Max. High Cut 7dB
Max. High Cut 10dB
0
0
1
1
0
1
0
1
VHCH at 42% REF 5V
VHCH at 50% REF 5V
VHCH at 58% REF 5V
VHCH at 66% REF 5V
0
0
1
1
0
1
0
1
VHCL at 16.7% VHCH
VHCL at 22.2% VHCH
VHCL at 27.8% VHCH
VHCL at 33.3% VHCH
0
1
Strong Multipath influence on PEAK 18K
OFF
ON (18K Discharge if VMPOUT <2.5V)
TDA7400D
24/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com