Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 20Page - STMicroelectronics TDA7400D Datasheet HTML 21Page - STMicroelectronics TDA7400D Datasheet HTML 22Page - STMicroelectronics TDA7400D Datasheet HTML 23Page - STMicroelectronics TDA7400D Datasheet HTML 24Page - STMicroelectronics TDA7400D Datasheet HTML 25Page - STMicroelectronics TDA7400D Datasheet HTML 26Page - STMicroelectronics TDA7400D Datasheet HTML 27Page - STMicroelectronics TDA7400D Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Stereodecoder Adjustment (subaddress EH)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
:
1
:
1
0
0
1
:
0
:
1
0
1
0
:
0
:
1
Roll Off Compensation
not allowed
19.6%
21.5%
:
25.3%
:
31.0%
0
0
0
:
1
0
0
0
:
1
0
0
1
:
1
0
1
0
:
1
Level Gain
0dB
0.66dB
1.33dB
:
10dB
1
must be "1"
Testing (subaddress FH)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Stereodecoder test signals
OFF
Test signals enabled if bit D5 of the subaddress
(test mode bit) is set to "1", too
0
1
External Clock
Internal Clock
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Testsignals at CASS_R
VHCCH
Level intern
Pilot magnitude
VCOCON; VCO Control Voltage
Pilot threshold
HOLDN
NB threshold
F228
VHCCL
VSBL
not used
not used
PEAK
not used
REF5V
not used
0
1
VCO
OFF
ON
0
1
Audioprocessor test mode
enabled if bit D5 of the subaddress
(test mode bit) is set to "1"
OFF
Note : This byte is used for testing or evaluation purposes only and must not be set to other values than the default "11111110" in the application!
TDA7400D
26/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com