Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 16Page - STMicroelectronics TDA7400D Datasheet HTML 17Page - STMicroelectronics TDA7400D Datasheet HTML 18Page - STMicroelectronics TDA7400D Datasheet HTML 19Page - STMicroelectronics TDA7400D Datasheet HTML 20Page - STMicroelectronics TDA7400D Datasheet HTML 21Page - STMicroelectronics TDA7400D Datasheet HTML 22Page - STMicroelectronics TDA7400D Datasheet HTML 23Page - STMicroelectronics TDA7400D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
I
2C BUS INTERFACE DESCRIPTION
Interface Protocol
The interface protocol comprises:
-a start condition (S)
-a chip address byte (the LSB bit determines read
/ write transmission)
-a subaddress byte
-a sequence of data (N-bytes + acknowledge)
-a stop condition (P)
D97AU627
S
1
0
0
0
1
1
0 R/W ACK
ACK
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
XI
SUBADDRESS
DATA 1 to DATA n
AZ T
A3 A2 A1 A0
DATA
S = Start
ACK = Acknowledge
AZ = AutoZero-Remain
T = Testing
I = Autoincrement
P = Stop
MAX CLOCK SPEED 500kbits/s
The transmitted data is automatically updated af-
ter each ACK. Transmission can be repeated
without new chip address.
Auto increment
If bit I in the subaddress byte is set to "1", the
autoincrement of the subaddress is enabled.
TRANSMITTED DATA (send mode)
MSB
LSB
XX
XX
ST
SM
X
X
SM = 1 Soft mute activated
ST = 1 Stereo mode
X = Not Used
SUBADDRESS (receive mode)
MSB
LSB
FUNCTION
I3
I2
I1
I0
A3
A2
A1
A0
0
1
AntiRadiation Filter
off
on
0
1
AutoZero Remain
off
on
0
1
Testmode
off
on
0
1
Auto Increment Mode
off
on
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Databyte Addressing
Input Selector
Volume
Treble
Bass
Speaker attenuator LF
Speaker attenuator RF
Speaker attenuator LR
Speaker attenuator RR
SoftMute / Bass Prog.
Stereodecoder
Noiseblanker
High Cut Control
Fieldstrength & Quality
Configuration
Stereodecoder Adjustment
Testing
TDA7400D
20/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com