Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 12Page - STMicroelectronics TDA7400D Datasheet HTML 13Page - STMicroelectronics TDA7400D Datasheet HTML 14Page - STMicroelectronics TDA7400D Datasheet HTML 15Page - STMicroelectronics TDA7400D Datasheet HTML 16Page - STMicroelectronics TDA7400D Datasheet HTML 17Page - STMicroelectronics TDA7400D Datasheet HTML 18Page - STMicroelectronics TDA7400D Datasheet HTML 19Page - STMicroelectronics TDA7400D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
off adjustment which is able to compensate the
lowpass behaviour of the tuner section. If the
tuner attenuation at 38kHz is in a range from
13.8% to 24.6% the TDA7400D needs no exter-
nal network in front of the MPX pin. Within this
range an adjustment to obtain at least 40dB
channel separation is possible.
The bits for this adjustment are located together
with the fieldstrength adjustment in one byte. This
gives the possibility to perform an optimization
step during the production of the carradio where
the channel separation and the fieldstrength con-
trol are trimmed.
The setup of the Stereoblend characteristics
which is programmable in a wide range is de-
scribed in 2.8.
Deemphasis and Highcut.
The lowpass filter for the deemphasis allows to
choose between a time constant of 50
µs and
75
µs (bit D7, Stereodecoder byte).
The highcut control range will be in both cases
τHC = 2 ⋅ τDeemp. Inside the highcut control range
(between VHCH and VHCL) the LEVEL signal
is converted into a 5 bit word which controls the
lowpass
time
constant
between
τDeemp...3⋅
τDeemp. There by the resolution will remain always
5 bits independently of the absolute voltage
range between the VHCH and VHCL values.
The highcut function can be switched off by I
2C
bus (bit D7, Fieldstrength byte set to "0").
The setup of the highcut characteristics is de-
scribed in 2.9.
PLL and Pilot Tone Detector
The PLL has the task to lock on the 19kHz pilo-
tone during a stereo transmission to allow a cor-
rect demodulation. The included detector enables
the demodulation if the pilot tone reaches the se-
lected pilot tone threshold VPTHST. Two different
thresholds are available. The detector output (sig-
nal STEREO, see block diagram) can be checked
by reading the status byte of the TDA7400D via
I
2C bus.
Fieldstrength Control
The fieldstrength input is used to control the high
cut and the stereoblend function. In addition the
signal can be also used to control the noise-
blanker thresholds and as input for the multipath
detector. These additional functions are de-
scribed in sections 3.3 and 4.
LEVEL Input and Gain
To suppress undesired high frequency modula-
tion on the highcut and stereoblend function the
LEVEL signal is lowpass filtered firstly.
The filter is a combination of a 1st order RC low-
pass at 53kHz (working as anti-aliasing filter) and
a 1st-order switched capacitor lowpass at 2.2kHz.
The second stage is a programmable gain stage
to adapt the LEVEL signal internally to different IF
device (see Testmode section 5 LEVELINTERN).
The gain is widely programmable in 16 steps
from 0dB to 10dB (step = 0.67dB). These 4 bits
are located together with the Roll-Off bits in the
"Stereodecoder Adjustment" byte to simplify a
possible adaptation during the production of the
carradio.
Stereoblend Control
The stereoblend control block converts the inter-
SOFTMUTE
COMMAND
STD MUTE
VO
t
D97AU638
t
t
Figure 13. Signals During Stereodecoder’s
Softmute
Figure 14. Internal Stereoblend Characteristics
TDA7400D
16/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com