Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 9Page - STMicroelectronics TDA7400D Datasheet HTML 10Page - STMicroelectronics TDA7400D Datasheet HTML 11Page - STMicroelectronics TDA7400D Datasheet HTML 12Page - STMicroelectronics TDA7400D Datasheet HTML 13Page - STMicroelectronics TDA7400D Datasheet HTML 14Page - STMicroelectronics TDA7400D Datasheet HTML 15Page - STMicroelectronics TDA7400D Datasheet HTML 16Page - STMicroelectronics TDA7400D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
For timing purposes the Bit 3 of the I
2C bus out-
put register is set to 1 from the start of muting un-
til the end of demuting.
Bass
There are four parameters programmable in the
bass stage: (see figs 6, 7, 8, 9):
Attenuation
Figure 6 shows the attenuation as a function of
frequency at a center frequency at a center fre-
quency of 80Hz.
Central Frequency
Figure 7 shows the four possible center frequen-
cies 60,70,80 and 100Hz.
Quality Factors
Figure 8 shows the four possible quality factors 1,
1.25, 1.5 and 2.
DC Mode
In this mode the DC gain is increased by 5.1dB.
In addition the programmed center frequency and
quality factor is decreased by 25% which can be
used to reach alternative center frequencies or
quality factors.
TREBLE
There are two parameters programmable in the
treble stage (see figs 10, 11):
Attenuation
Figure 10 shows the attenuation as a function of
frequency at a center frequency of 17.5KHz.
Center Frequency
Figure 11 shows the four possible Center Fre-
quency (10, 12.5, 15 and 17.5kHz).
Speaker Attenuator
The speaker attenuators have exactely the same
structure and range like the Volume stage.
1
EXT.
MUTE
+SIGNAL
REF
-SIGNAL
1
I
2C BUS
OUT
Time
D97AU634
Figure 5. Softmute Timing
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
Figure 7. Bass Center @ Gain = 14dB, Q = 1
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
10.0
100.0
1.0K
10.0K
Figure 6. Bass Control @ fc = 80Hz, Q = 1
Note: Please notice that a started Mute action is always terminated
and could not be interrupted by a change of the mute signal.
TDA7400D
13/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com