Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7400D Datasheet HTML 1Page - STMicroelectronics TDA7400D Datasheet HTML 2Page - STMicroelectronics TDA7400D Datasheet HTML 3Page - STMicroelectronics TDA7400D Datasheet HTML 4Page - STMicroelectronics TDA7400D Datasheet HTML 5Page - STMicroelectronics TDA7400D Datasheet HTML 6Page - STMicroelectronics TDA7400D Datasheet HTML 7Page - STMicroelectronics TDA7400D Datasheet HTML 8Page - STMicroelectronics TDA7400D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOLUME CONTROL
GMAX
Max Gain
13
15
17
dB
AMAX
Max Attenuation
70
79
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
G = -20 to 20dB
-1.25
0
1.25
dB
G = -60 to 20dB
-4
0
3
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
SOFT MUTE
AMUTE
Mute Attenuation
80
100
dB
TD
Delay Time
T1
0.48
1
ms
T2
0.96
2
ms
T3
20
40.4
60
ms
T4
200
324
600
ms
VTHlow
Low Threshold for SM Pin
1
1V
VTHhigh
High Threshold for SM Pin
2.5
V
RPD
Internal Pull-up Resistor
70
100
130
K
BASS CONTROL
CRANGE
Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency
fC1
54
60
66
Hz
fC2
63
70
77
Hz
fC3
72
80
88
Hz
fC4
90
100
(150)
(2)
110
Hz
QBASS
Quality Factor
Q1
0.9
1
1.1
Q2
1.11.251.4
Q3
1.3
1.5
1.7
Q4
1.8
2
2.2
DCGAIN
Bass-Dc-Gain
DC = off
-1
0
1
dB
DC = on
3.5
4.4
5.5
dB
TREBLE CONTROL
CRANGE
Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency
fC1
8
10
12
KHz
fC2
10
12.5
15
KHz
fC3
12
15
18
KHz
fC4
14
17.5
21
KHz
1) The SM pin is active low (Mute = 0)
2) See note in Programming Part
TDA7400D
5/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com