Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 13Page - STMicroelectronics TDA7400D Datasheet HTML 14Page - STMicroelectronics TDA7400D Datasheet HTML 15Page - STMicroelectronics TDA7400D Datasheet HTML 16Page - STMicroelectronics TDA7400D Datasheet HTML 17Page - STMicroelectronics TDA7400D Datasheet HTML 18Page - STMicroelectronics TDA7400D Datasheet HTML 19Page - STMicroelectronics TDA7400D Datasheet HTML 20Page - STMicroelectronics TDA7400D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
nal LEVEL voltage (LEVEL INTERN) into an de-
modulator compatible analog signal which is used
to control the channel separation between 0dB
and the maximum separation. Internally this con-
trol range has a fixed upper limit which is the in-
ternal reference voltage REF5V. The lower limit
can be programmed between 29.2% and 58%, of
REF5V in 4.167% steps (see figs. 11, 12).
To adjust the external LEVEL voltage to the inter-
nal range two values must be defined: the LEVEL
gain LG and VSBL (see fig. 12). To adjust the
voltage where the full channel separation is
reached (VST) the LEVEL gain LG has to be de-
fined. The following equation can be used to esti-
mate the gain:
LG
=
REF5V
Field strengthvoltage[STEREO]
The gain can be programmed through 4 bits in
the "Stereodecoder-Adjustment" byte.
The MONO voltage VMO (0dB channel separa-
tion) can be choosen selecting VSBL
All necessary internal reference voltages like
REF5V are derived from a bandgap circuit.
Therefore they have a temperature coefficient
near zero. This is useful if the fieldstrength signal
is also temperature compensated.
But most IF devices apply a LEVEL voltage with a
TC of 3300ppm. The TDA7400D offers this TC
for the reference voltages, too. The TC is select-
able with bit D7 of the "stereodecoder adjustment"
byte.
Highcut Control
The highcut control setup is similar to the
stereoblend control setup : the starting point
VHCH can be set with 2 bits to be 42, 50, 58 or
66% of REF5V whereas the range can be set to
be 17, 22, 28 or 33% of VHCH (see fig. 21).
FUNCTIONAL DESCRIPTION OF THE NOISE-
BLANKER
In the automotive environment the MPX signal is
disturbed by spikes produced by the ignition and
for example the wiper motor. The aim of the
noiseblanker part is to cancel the audible influ-
ence of the spikes.
Therefore the output of the stereodecoder is held
at the actual voltage for a time between 22 and
38
µs (programmable).
The block diagram of the noiseblanker is given in
fig.17.
In a first stage the spikes must be detected but to
avoid a wrong triggering on high frequency
(white) noise a complex trigger control is imple-
mented. Behind the triggerstage a pulse former
generates the "blanking" pulse. To avoid any
crosstalk to the signalpath the noiseblanker is
INTERNAL
VOLTAGES
t
D97AU639
VSBL
REF 5V
SETUP OF VST
INTERNAL
VOLTAGES
t
33%
REF 5V
SETUP OF VMO
LEVEL
LEVEL INTERN
FIELDSTRENGHT VOLTAGE
VST
VMO
LEVEL INTERN
42%
50%
58%
VSBL
VST
VMO
FIELDSTRENGHT VOLTAGE
Figure 15. Relation Between Internal and External LEVEL Voltage and Setup of Stereoblend
LOWPASS
TIME CONSTANT
D97AU640
τDeemp
FIELDSTRENGHT
VHCH
VHCL
3
•
τDeemp
Figure 16. Highcut Characteristics
TDA7400D
17/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com