Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7400D Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 19Page - STMicroelectronics TDA7400D Datasheet HTML 20Page - STMicroelectronics TDA7400D Datasheet HTML 21Page - STMicroelectronics TDA7400D Datasheet HTML 22Page - STMicroelectronics TDA7400D Datasheet HTML 23Page - STMicroelectronics TDA7400D Datasheet HTML 24Page - STMicroelectronics TDA7400D Datasheet HTML 25Page - STMicroelectronics TDA7400D Datasheet HTML 26Page - STMicroelectronics TDA7400D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Stereodecoder (subaddress 9H)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
STD Unmuted
STD Muted
0
1
1
0
In Gain 8.5dB
In Gain 6dB
others combinations not used
1
must be "1"
0
1
Forced Mono
Mono/Stereo switch automatically
0
1
Noiseblanker PEAK charge current low
Noiseblanker PEAK charge current high
0
1
Pilot Threshold HIGH
Pilot Threshold LOW
0
1
Deemphasis 50
µs
Deemphasis 75
µs
Soft Mute and Bass Programming (subaddress 8H)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
1
1
0
1
0
1
0
1
Mute
Enable Soft Mute
Disable Soft Mute
Mutetime = 0.48ms
Mutetime = 0.96ms
Mutetime = 40.4ms
Mutetime = 324ms
Stereodecoder Soft Mute Influence = on
Stereodecoder Soft Mute Influence = off
0
0
1
1
1
0
1
0
1
1
Bass Center Frequency
Center Frequency = 60 Hz
Center Frequency = 70 Hz
Center Frequency = 80 Hz
Center Frequency = 100Hz
Center Frequency = 150Hz (1)
0
0
1
1
0
1
0
1
Noise Blanker Time
38
µs
25.5
µs
32
µs
22
µs
1 Only for Bass Q- Factor = 2.0
TDA7400D
23/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com