Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 19 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 19 Page - Texas Instruments

Back Button AMC0X02R Datasheet HTML 15Page - Texas Instruments AMC0X02R Datasheet HTML 16Page - Texas Instruments AMC0X02R Datasheet HTML 17Page - Texas Instruments AMC0X02R Datasheet HTML 18Page - Texas Instruments AMC0X02R Datasheet HTML 19Page - Texas Instruments AMC0X02R Datasheet HTML 20Page - Texas Instruments AMC0X02R Datasheet HTML 21Page - Texas Instruments AMC0X02R Datasheet HTML 22Page - Texas Instruments AMC0X02R Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
6.17 Typical Characteristics (continued)
at VDD1 = 5V, VDD2 = 3.3V, VREFIN = 3.3V, VINP = –50mV to 50mV, VINN = 0V, and fIN = 10kHz (unless otherwise noted)
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
-160
-140
-120
-100
-80
-60
-40
-20
0
Device 1
Device 2
Device 3
G039
Figure 6-18. Common-Mode Rejection Ratio vs Temperature
-70 -60 -50 -40 -30 -20 -10
0
10 20 30 40 50 60 70
INP Voltage(mV)
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
Device 1
Device 2
Device 3
G089
Figure 6-19. Input Current vs Input Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature(ºC)
5
6
7
8
9
10
11
12
Device 1
Device 2
Device 3
G005
Figure 6-20. Input Current vs Temperature
1
10
100
1000
f
IN(kHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
G007
Figure 6-21. Normalized Gain vs Input Frequency
1
10
100
1000
f
IN(kHz)
-360
-315
-270
-225
-180
-135
-90
-45
0
45
G008
Figure 6-22. Output Phase vs Input Frequency
-50
-40
-30
-20
-10
0
10
20
30
40
50
Differential Input Voltage(mV)
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
G028
Figure 6-23. Nonlinearity vs Input Voltage
www.ti.com
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: AMC0202R AMC0302R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com