Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 1 Page - Texas Instruments

  AMC0X02R Datasheet HTML 1Page - Texas Instruments AMC0X02R Datasheet HTML 2Page - Texas Instruments AMC0X02R Datasheet HTML 3Page - Texas Instruments AMC0X02R Datasheet HTML 4Page - Texas Instruments AMC0X02R Datasheet HTML 5Page - Texas Instruments AMC0X02R Datasheet HTML 6Page - Texas Instruments AMC0X02R Datasheet HTML 7Page - Texas Instruments AMC0X02R Datasheet HTML 8Page - Texas Instruments AMC0X02R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
AMC0x02R Precision, ±50-mV Input,
Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
1 Features
• Linear input voltage range: ±50mV
• Supply voltage range:
– High-side (VDD1): 3.0V to 5.5V
– Low-side (VDD2): 3.0V to 5.5V
• Single-ended, ratiometric output
– Reference Input: 2.7V to 5.5V
• Low DC errors:
– Offset error: ±50µV (maximum)
– Offset drift: ±1µV/°C (maximum)
– Gain error: ±0.2% (maximum)
– Gain drift: ±45ppm/°C (maximum)
– Nonlinearity: 0.04% (maximum)
• High CMTI: 150V/ns (minimum)
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Isolation ratings:
– AMC0202R: Basic isolation
– AMC0302R: Reinforced Isolation
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
• Industrial motor drives
• Frequency inverters
• Server Power Supply Units (PSU)
• Power Factor Correction (PFC)
3 Description
The AMC0x02R is a precision, galvanically isolated
amplifier with a ±50mV, differential input and single-
ended, ratiometric output. The input is optimized for
direct connection to a shunt resistor or other low-
impedance signal source.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced isolation up to 5kVRMS (DWV
package) and basic isolation up to 3kVRMS (D
package) (60s).
The AMC0x02R outputs a single-ended signal
proportional to the input voltage. The full-scale output
is set by the voltage applied to the REFIN pin. The
output of the AMC0x02R is designed to connect
directly to the input of an ADC. Connect REFIN to
the same reference voltage as the ADC to match the
dynamic input voltage range of the ADC.
The AMC0x02R comes in 8-pin, wide- and narrow-
body SOIC packages, and is fully specified over the
temperature range from –40°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AMC0202R
D (SOIC, 8)
4.9mm × 6mm
AMC0302R
DWV (SOIC, 8)
5.85mm × 11.5mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
GND1
INP
INN
VDD1
I
High-side supply
(3.3V or 5V)
+50mV
0 V
–50mV
OUT
GND2
VDD2
ADC
REFIN
MCU
VDDA
VREFHI
Low-side supply
(3.3 V or 5 V)
ADCIN
VSSA
½ VREFIN
VREFIN
Typical Application
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC0X02R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0X02R-Q1 TI2-AMC0X02R-Q1 Datasheet
1Mb / 41P
AMC0x02R-Q1 Automotive, Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
DECEMBER 2025
More results

Similar Description - AMC0X02R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
AMC1301 TI1-AMC1301_18 Datasheet
1Mb / 35P
Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1302-Q1 TI1-AMC1302-Q1 Datasheet
1Mb / 36P
Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of (,-)50 mV, and High Bandwidth of 280 kHz
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1202 TI-AMC1202 Datasheet
1Mb / 32P
AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
SBASAB8 ??MAY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com