Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 27 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC0X02R Datasheet HTML 23Page - Texas Instruments AMC0X02R Datasheet HTML 24Page - Texas Instruments AMC0X02R Datasheet HTML 25Page - Texas Instruments AMC0X02R Datasheet HTML 26Page - Texas Instruments AMC0X02R Datasheet HTML 27Page - Texas Instruments AMC0X02R Datasheet HTML 28Page - Texas Instruments AMC0X02R Datasheet HTML 29Page - Texas Instruments AMC0X02R Datasheet HTML 30Page - Texas Instruments AMC0X02R Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
7.3.3 Analog Output
The AMC0x02R provides a single-ended analog output voltage proportional to the input voltage. The output is
referred to GND2 and is galvanically isolated from the input of the device. The output is designed to connect
directly to the input of an ADC.
The full-scale output voltage is set by the REFIN pin. For any input voltage within the specified linear input
range, the device outputs a voltage equal to:
VOUT = VIN / VClipping x VREFIN / 2 + VREFIN / 2 = (VINP – VINN) / VClipping x VREFIN / 2 + VREFIN / 2
(1)
Connect REFIN to the same reference voltage as a downstream ADC to match the ADC dynamic input voltage
range. With a shared reference voltage, the ADC outputs a negative full-scale code when the negative clipping
voltage is applied to the input of the AMC0x02R. The ADC outputs the mid-range code when 0V is applied to the
input of the AMC0x02R. The ADC outputs a positive full-scale code when the positive clipping voltage is applied
to the input of the AMC0x02R.
The device is linear within the specified linear full-scale range. Beyond the linear full-scale range, the output
continues to follow the input, but with reduced linearity performance. The output clips when the input voltage
reaches the clipping voltage. Figure 7-3 shows the input-to-output transfer characteristic.
VFSR
89 %
100 %
VClipping
50%
VFSR
VClipping
11 %
Linear input range (VFSR)
Maximum input range before clipping (VClipping)
Input Voltage (VIN)
0
Figure 7-3. Input-to-Output Transfer Curve of the AMC0x02R
7.4 Device Functional Modes
The AMC0x02R operates in one of the following states:
• Off-state: The low-side supply (VDD2) is below the VDD2UV threshold. The device is not responsive. OUT is
in Hi-Z state. Internally, OUT is clamped to VDD2 and GND2 by ESD protection diodes.
• Missing high-side supply: The low-side of the device (VDD2) is supplied and within recommended operating
conditions. The high-side supply (VDD1) is below the VDD1UV threshold. The OUT pin is driven to VREFIN / 2.
• Analog input overrange (positive full-scale input): VDD1 and VDD2 are within recommended operating
conditions but the analog input voltage VIN is above the maximum clipping voltage VClipping, MAX. The device
outputs VREFIN at the OUT pin.
• Analog input underrange (negative full-scale input): VDD1 and VDD2 are within recommended operating
conditions but the analog input voltage VIN is below the minimum clipping voltage VClipping, MIN. The OUT pin
is driven to GND2.
• Normal operation: VDD1, VDD2, and VIN are within the recommended operating conditions. The device
outputs a voltage that is proportional to the input voltage.
www.ti.com
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AMC0202R AMC0302R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com