Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 26 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC0X02R Datasheet HTML 22Page - Texas Instruments AMC0X02R Datasheet HTML 23Page - Texas Instruments AMC0X02R Datasheet HTML 24Page - Texas Instruments AMC0X02R Datasheet HTML 25Page - Texas Instruments AMC0X02R Datasheet HTML 26Page - Texas Instruments AMC0X02R Datasheet HTML 27Page - Texas Instruments AMC0X02R Datasheet HTML 28Page - Texas Instruments AMC0X02R Datasheet HTML 29Page - Texas Instruments AMC0X02R Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
7.3.2 Isolation Channel Signal Transmission
As shown in OOK-Based Modulation Scheme, the AMC0x02R uses an on-off keying (OOK) modulation scheme
to transmit the modulator output bitstream across the SiO2-based isolation barrier. The transmit driver (TX) is
illustrated in the Functional Block Diagram . TX transmits an internally generated, high-frequency carrier across
the isolation barrier to represent a digital one. However, TX does not send a signal to represent a digital zero.
The nominal frequency of the carrier used inside the AMC0x02R is 480MHz.
The receiver (RX) on the other side of the isolation barrier recovers and demodulates the signal and provides
the input to the analog filter. The AMC0x02R transmission channel is optimized to achieve the highest level of
common-mode transient immunity (CMTI) and the lowest level of radiated emissions. The high-frequency carrier
and RX/TX buffer switching cause these emissions.
Modulator Bitstream
on High-side
Internal Clock
Signal Across Isolation Barrier
Recovered Sigal
on Low-side
Figure 7-2. OOK-Based Modulation Scheme
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0202R AMC0302R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com