Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 5 Page - Texas Instruments

  AMC0X02R Datasheet HTML 1Page - Texas Instruments AMC0X02R Datasheet HTML 2Page - Texas Instruments AMC0X02R Datasheet HTML 3Page - Texas Instruments AMC0X02R Datasheet HTML 4Page - Texas Instruments AMC0X02R Datasheet HTML 5Page - Texas Instruments AMC0X02R Datasheet HTML 6Page - Texas Instruments AMC0X02R Datasheet HTML 7Page - Texas Instruments AMC0X02R Datasheet HTML 8Page - Texas Instruments AMC0X02R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Power-supply voltage
High-side VDD1 to GND1
–0.3
6.5
V
Low-side VDD2 to GND2
–0.3
6.5
Analog input voltage
INP, INN to GND1
GND1 – 4
VDD1 + 0.5
V
Reference input voltage
REFIN to GND2
GND2 – 0.5
VDD2 + 0.5
V
Analog output voltage
OUT to GND2
GND2 – 0.5
VDD2 + 0.5
V
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VDD1
High-side power supply
VDD1 to GND1
3
5.0
5.5
V
VDD2
Low-side power supply
VDD2 to GND2
3
3.3
5.5
V
ANALOG INPUT
VClipping
Nominal differential input voltage before clipping
output
VIN = VINP – VINN
–64
64
mV
VFSR
Specified linear differential input voltage
VIN = VINP – VINN
–50
50
mV
VCM
Operating common-mode input voltage
(VINP + VINN) / 2 to GND1
–0.032
1
V
CIN, EXT
Minimum external capacitance connected to the
input
from INP to INN
10
nF
REFERENCE INPUT
VREFIN
Reference input voltage
REFIN to GND2
2.7
VDD2
V
ANALOG OUTPUT
CLOAD
Capacitive load
OUT to GND2
500
pF
RLOAD
Resistive load
OUT to GND2
10
1
kΩ
TEMPERATURE RANGE
TA
Specified ambient temperature
–40
125
°C
www.ti.com
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AMC0202R AMC0302R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com