Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC0X02R Datasheet HTML 3Page - Texas Instruments AMC0X02R Datasheet HTML 4Page - Texas Instruments AMC0X02R Datasheet HTML 5Page - Texas Instruments AMC0X02R Datasheet HTML 6Page - Texas Instruments AMC0X02R Datasheet HTML 7Page - Texas Instruments AMC0X02R Datasheet HTML 8Page - Texas Instruments AMC0X02R Datasheet HTML 9Page - Texas Instruments AMC0X02R Datasheet HTML 10Page - Texas Instruments AMC0X02R Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
6.5 Thermal Information (DWV Package)
THERMAL METRIC(1)
DWV (SOIC)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
102.8
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
45.1
°C/W
RθJB
Junction-to-board thermal resistance
63.0
°C/W
ΨJT
Junction-to-top characterization parameter
14.3
°C/W
ΨJB
Junction-to-board characterization parameter
61.1
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
6.6 Power Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Maximum power dissipation (both sides)
VDD1 = VDD2 = 5.5V
80
mW
PD1
Maximum power dissipation (high-side)
VDD1 = 5.5V
38
mW
PD2
Maximum power dissipation (low-side)
VDD2 = 5.5V
42
mW
www.ti.com
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AMC0202R AMC0302R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com