Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 29 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 29 Page - Texas Instruments

Back Button AMC0X02R Datasheet HTML 25Page - Texas Instruments AMC0X02R Datasheet HTML 26Page - Texas Instruments AMC0X02R Datasheet HTML 27Page - Texas Instruments AMC0X02R Datasheet HTML 28Page - Texas Instruments AMC0X02R Datasheet HTML 29Page - Texas Instruments AMC0X02R Datasheet HTML 30Page - Texas Instruments AMC0X02R Datasheet HTML 31Page - Texas Instruments AMC0X02R Datasheet HTML 32Page - Texas Instruments AMC0X02R Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The AMC0x02R has low analog input voltage range, high accuracy, low temperature drift, and high common-
mode transient immunity. The AMC0x02R is primarily designed for shunt-based current-sensing applications
where accurate current monitoring is required in the presence of high common-mode voltages. The AMC0x02R
is preferred for isolated current sensing in motor drives, frequency inverters, and uninterruptible power-supply
applications.
8.2 Typical Application
The following image shows the AMC0x02R in a typical application. The load current flowing through an external
shunt resistor RSHUNT produces a voltage drop. The AMC0x02R high-side circuitry senses the voltage drop
across the shunt resistor, then digitizes and transfers data across the isolation barrier to the low side. Low-side
circuitry reconstructs the digitized data into an analog signal and provides the signal as single-ended ratiometric
voltage on the output pin.
The differential input, single-ended ratiometric output, and high common-mode transient immunity (CMTI) of the
AMC0x02R provide reliable and accurate operation even in high-noise environments.
10
10
10 nF
VDD1
GND1
INP
INN
VDD2
OUT
REFIN
GND2
RSHUNT
1 uF 100 nF
Floating Gate
Driver Supply
+ DC Link
– DC Link
1 uF
100 nF
Low-side supply
(3.3 V or 5 V)
Load
1 nF
1 nF
to ADC
100nF
Reference voltage
Figure 8-1. Using the AMC0x02R for Current Sensing in a Typical Application
www.ti.com
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AMC0202R AMC0302R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com