Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 4 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 4 Page - Texas Instruments

  AMC0X02R Datasheet HTML 1Page - Texas Instruments AMC0X02R Datasheet HTML 2Page - Texas Instruments AMC0X02R Datasheet HTML 3Page - Texas Instruments AMC0X02R Datasheet HTML 4Page - Texas Instruments AMC0X02R Datasheet HTML 5Page - Texas Instruments AMC0X02R Datasheet HTML 6Page - Texas Instruments AMC0X02R Datasheet HTML 7Page - Texas Instruments AMC0X02R Datasheet HTML 8Page - Texas Instruments AMC0X02R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
5 Pin Configuration and Functions
VDD2
OUT
GND2
REFIN
8
7
6
5
VDD1
INP
INN
GND1
1
2
3
4
Not to scale
Figure 5-1. DWV and D Packages, 8-Pin SOIC (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VDD1
High-side power
High-side power supply(1)
2
INP
Analog input
Noninverting analog input(2)
3
INN
Analog Input
Inverting analog input(2)
4
GND1
High-side ground
High-side analog ground
5
GND2
Low-side ground
Low-side analog ground
6
REFIN
Analog input
The voltage applied to this pin sets the full-scale output of the device.
Connect REFIN to a low-impedance source as described in the Connecting
the REFIN Pin section.
7
OUT
Analog output
Analog output
8
VDD2
Low-side power
Low-side power supply(1)
(1)
See the Power Supply Recommendations section for power-supply decoupling recommendations.
(2)
See the Input Filter Design section for input filter design recommendations.
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0202R AMC0302R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com