Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 31 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 31 Page - Texas Instruments

Back Button AMC0X02R Datasheet HTML 27Page - Texas Instruments AMC0X02R Datasheet HTML 28Page - Texas Instruments AMC0X02R Datasheet HTML 29Page - Texas Instruments AMC0X02R Datasheet HTML 30Page - Texas Instruments AMC0X02R Datasheet HTML 31Page - Texas Instruments AMC0X02R Datasheet HTML 32Page - Texas Instruments AMC0X02R Datasheet HTML 33Page - Texas Instruments AMC0X02R Datasheet HTML 34Page - Texas Instruments AMC0X02R Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
8.2.2.2 Connecting the REFIN Pin
The reference input has a finite input impedance as shown in the Functional Block Diagram . Consider this
impedance when driving the REFIN pin from a high-impedance source. Connect a 100nF capacitor from
REFIN to GND2 to filter out high-frequency noise at the reference input. Figure 8-3 shows different options
for connecting the REFIN pin.
VDD2
OUT
REFIN
GND2
100nF
Reference voltage
RSOURCE
VDD2 supply
(3.3V or 5V)
VDD2
OUT
REFIN
GND2
100nF
VDD2 supply
(3.3V or 5V)
Consider finite
input impedance
VDD2
OUT
REFIN
GND2
R1
R2
+
–
Figure 8-3. Connecting the REFIN Pin
In the first example, REFIN is shorted to VDD2. In the second example, VREFIN is derived from VDD2 through a
buffered resistive divider. In the third example, an external voltage source drives the reference input pin.
www.ti.com
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: AMC0202R AMC0302R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com