Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 33 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC0X02R Datasheet HTML 28Page - Texas Instruments AMC0X02R Datasheet HTML 29Page - Texas Instruments AMC0X02R Datasheet HTML 30Page - Texas Instruments AMC0X02R Datasheet HTML 31Page - Texas Instruments AMC0X02R Datasheet HTML 32Page - Texas Instruments AMC0X02R Datasheet HTML 33Page - Texas Instruments AMC0X02R Datasheet HTML 34Page - Texas Instruments AMC0X02R Datasheet HTML 35Page - Texas Instruments AMC0X02R Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
8.4 Power Supply Recommendations
In a typical application, the high-side power supply (VDD1) for the AMC0x02R is generated from the low-side
supply (VDD2) by an isolated DC/DC converter. A low-cost option is based on the push-pull driver SN6501 and a
transformer that supports the desired isolation voltage ratings.
The AMC0x02R does not require any specific power-up sequencing. The high-side power supply (VDD1) is
decoupled with a low-ESR, 100nF capacitor (C1) parallel to a low-ESR, 1μF capacitor (C2). The low-side power
supply (VDD2) is equally decoupled with a low-ESR, 100nF capacitor (C3) parallel to a low-ESR, 1μF capacitor
(C4). Place all four capacitors (C1, C2, C3, and C4) as close to the device as possible. Figure 8-6 shows a
decoupling diagram for the AMC0x02R.
C8 100nF
Reference voltage
R2 10
R1 10
C5 10nF
AVDD
C2 1µF
C1 100nF
C6 1nF
C7 1nF
I
VDD1
GND1
INP
INN
to ADC
VDD2
VDD2
OUT
REFIN
GND2
C4 1µF
C3 100nF
Figure 8-6. Decoupling of the AMC0x02R
Verify capacitors provide adequate effective capacitance under the applicable DC bias conditions experienced in
the application. Multilayer ceramic capacitors (MLCC) typically exhibit only a fraction of the nominal capacitance
under real-world conditions. Consider this factor when selecting these capacitors. This issue is especially acute
in low-profile capacitors, where the dielectric field strength is higher than in taller components. Reputable
capacitor manufacturers provide capacitance versus DC bias curves that greatly simplify component selection.
8.5 Layout
8.5.1 Layout Guidelines
The Layout Example section details a layout recommendation with the critical placement of the decoupling
capacitors (as close as possible to the AMC0x02R supply pins). This example also depicts the placement of
other components required by the device.
8.5.2 Layout Example
Figure 8-7. Recommended Layout of the AMC0x02R
Top Metal
Inner or Bottom Layer Metal
Via
GND1
VDD1
C7
R2
C6
R1
C2
C1
Clearance area, keep free of any
conductive materials
GND2
VDD2
C3
C4
REFIN
OUT
to ADC
from MCU or external reference
INP
INN
www.ti.com
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: AMC0202R AMC0302R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com