Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X02R Datasheet(PDF) 32 Page - Texas Instruments

Part # AMC0X02R
Description  AMC0x02R Precision, ±50-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02R Datasheet(HTML) 32 Page - Texas Instruments

Back Button AMC0X02R Datasheet HTML 28Page - Texas Instruments AMC0X02R Datasheet HTML 29Page - Texas Instruments AMC0X02R Datasheet HTML 30Page - Texas Instruments AMC0X02R Datasheet HTML 31Page - Texas Instruments AMC0X02R Datasheet HTML 32Page - Texas Instruments AMC0X02R Datasheet HTML 33Page - Texas Instruments AMC0X02R Datasheet HTML 34Page - Texas Instruments AMC0X02R Datasheet HTML 35Page - Texas Instruments AMC0X02R Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
8.2.3 Application Curves
One important aspect of power-stage design is the effective detection of an overcurrent condition to protect the
switching devices and passive components from damage. To power off the system quickly in the event of an
overcurrent condition, a low delay caused by the isolated amplifier is required. Figure 8-4 shows the typical
full-scale step response of the AMC0x02R.
5
10
15
20
25
30
35
40
45
50
Time (µs)
0
0.5
1
1.5
2
2.5
3
3.5
4
VINP
VREFIN
VOUT
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
G087
Figure 8-4. Output Step Response of the AMC0x02R
Figure 8-5 shows the typical step response of the AMC0x02R when a transient step is applied on its reference
input pin with INP and INN connected to GND1.
5
10
15
20
25
Time (µs)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VOUT
VREFIN
G082
Figure 8-5. Reference Input Step Response of the AMC0x02R
8.3 Best Design Practices
Place a minimum 10nF capacitor at the device input (from INP to INN). This capacitor helps avoid voltage droop
at the input during the sampling period of the switched-capacitor input stage.
Do not short GND1 to INN directly at the device input. For best accuracy, route the ground connection as a
separate trace that connects directly to the shunt resistor. See the Layout Example section for more details.
Do not leave the inputs of the AMC0x02R unconnected (floating) when the device is powered up. If the device
inputs are left floating, the input bias current potentially drives the inputs to a positive value that exceeds the
operating common-mode input voltage. This condition causes the device to output the fail-safe voltage described
in the Analog Output section.
Connect the high-side ground (GND1) to INN, either by a hard short or through a resistive path. A DC current
path between INN and GND1 is required to define the input common-mode voltage. Do not exceed the input
common-mode range specified in the Recommended Operating Conditions table.
AMC0202R, AMC0302R
SBASB40 – DECEMBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0202R AMC0302R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com