Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6TP Datasheet(PDF) 35 Page - Numonyx B.V

Part # M25PE80-VMP6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TP Datasheet(HTML) 35 Page - Numonyx B.V

Back Button M25PE80-VMP6TP Datasheet HTML 31Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 32Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 33Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 34Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 35Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 36Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 37Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 38Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 39Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
M25PE80
Instructions
35/66
6.10
Page program (PP)
The page program (PP) instruction allows bytes to be programmed in the memory (changing
bits from 1 to 0, only). Before it can be accepted, a write enable (WREN) instruction must
previously have been executed. After the write enable (WREN) instruction has been
decoded, the device sets the write enable latch (WEL).
The page program (PP) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, three address bytes and at least one data byte on serial data input (D). If
the 8 least significant address bits (A7-A0) are not all zero, all transmitted data exceeding
the addressed page boundary roll over, and are programmed from the start address of the
same page (the one whose 8 least significant address bits (A7-A0) are all zero). Chip Select
(S) must be driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 16.
If more than 256 bytes are sent to the device, previously latched data are discarded and the
last 256 data bytes are guaranteed to be programmed correctly within the same page. If less
than 256 data bytes are sent to device, they are correctly programmed at the requested
addresses without having any effects on the other bytes of the same page.
For optimized timings, it is recommended to use the page program (PP) instruction to
program all consecutive targeted bytes in a single sequence versus using several page
program (PP) sequences with each containing only a few bytes (see Table 22: AC
characteristics and Table 24: AC characteristics (75 MHz operation, T9HX (0.11 µm)
process)).
Chip Select (S) must be driven High after the eighth bit of the last data byte has been
latched in, otherwise the page program (PP) instruction is not executed.
As soon as Chip Select (S) is driven High, the self-timed page program cycle (whose
duration is tPP) is initiated. While the page program cycle is in progress, the status register
may be read to check the value of the write in progress (WIP) bit. The write in progress
(WIP) bit is 1 during the self-timed page program cycle, and is 0 when it is completed. At
some unspecified time before the cycle is complete, the write enable latch (WEL) bit is reset.
A page program (PP) instruction applied to a page that is hardware or software protected is
not executed.
Any page program (PP) instruction, while an erase, program or write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
If Reset (Reset) is driven Low while a page program (PP) cycle is in progress, the page
program cycle is interrupted and the programmed data may be corrupted (see Table 15:
Device status after a Reset Low pulse). On Reset going Low, the device enters the reset
mode and a time of tRHSL is then required before the device can be re-selected by driving
Chip Select (S) Low. For the value of tRHSL see Table 26: Timings after a Reset Low pulse in
Section 11: DC and AC parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com