Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6TP Datasheet(PDF) 16 Page - Numonyx B.V

Part # M25PE80-VMP6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TP Datasheet(HTML) 16 Page - Numonyx B.V

Back Button M25PE80-VMP6TP Datasheet HTML 12Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 13Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 14Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 15Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 16Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 17Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 18Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 19Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 20Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
Operating features
M25PE80
16/66
Table 2.
Software protection truth table (sectors 0 to 15, 64-Kbyte granularity)
Sector lock register
Protection status
Lock
down bit
Write
lock bit
0
0
Sector unprotected from program/erase/write operations, protection status reversible
0
1
Sector protected from program/erase/write operations, protection status reversible
10
Sector unprotected from program/erase/write operations,
Sector protection status cannot be changed except by a reset or power-up.
11
Sector protected from program/erase/write operations,
Sector protection status cannot be changed except by a reset or power-up.
Table 3.
Not for new design: TY7 process only, software protection scheme truth
table (sectors 0 and 15)(1) (2) (3)
Sector lock
register
Subsector lock
register
Protection status
Lock
down
bit
Write
lock
bit
Lock
down
bit
Write
lock
bit
0
0
00
Current subsector unprotected from program/erase/write operations,
Current subsector protection status reversible
01
Current subsector protected from program/erase/write operations,
Current subsector protection status reversible.
10
Current subsector unprotected from program/erase/write operations, current
subsector protection status cannot be changed except by a reset or power-up.
11
Current subsector protected from program/erase/write operations, Current
subsector protection status cannot be changed except by a reset or power-up.
1
01
All subsectors protected from program/erase/write operations, current subsector
protection status reversible
11
All subsectors protected from program/erase/write operations, current subsector
protection status cannot be changed except by a reset or power-up.
1
0
10
Current subsector unprotected from program/erase/write operations, all
subsectors protection status cannot be changed except by a reset or power-up
11
Current subsector protected from program/erase/write operations, all subsectors
protection status cannot be changed except by a reset or power-up
111
All subsectors protected with their protection status cannot be changed except by
a reset or power-up.
1.
All other bit combinations are not-applicable.
2.
For more details, refer to the description of the Write to lock register (WRLR) instruction.
3.
See Important note on page 6 for differences between devices produced in T7Y and T9HX processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com