Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6TP Datasheet(PDF) 40 Page - Numonyx B.V

Part # M25PE80-VMP6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TP Datasheet(HTML) 40 Page - Numonyx B.V

Back Button M25PE80-VMP6TP Datasheet HTML 36Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 37Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 38Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 39Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 40Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 41Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 42Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 43Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Instructions
M25PE80
40/66
6.12
Page erase (PE)
The page erase (PE) instruction sets to ‘1’ (FFh) all bits inside the chosen page. Before it
can be accepted, a write enable (WREN) instruction must previously have been executed.
After the write enable (WREN) instruction has been decoded, the device sets the write
enable latch (WEL).
The page erase (PE) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, and three address bytes on serial data input (D). Any address inside the
page is a valid address for the page erase (PE) instruction. Chip Select (S) must be driven
Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 18.
Chip Select (S) must be driven High after the eighth bit of the last address byte has been
latched in, otherwise the page erase (PE) instruction is not executed. As soon as Chip
Select (S) is driven High, the self-timed page erase cycle (whose duration is tPE) is initiated.
While the page erase cycle is in progress, the status register may be read to check the value
of the write in progress (WIP) bit. The write in progress (WIP) bit is 1 during the self-timed
page erase cycle, and is 0 when it is completed. At some unspecified time before the cycle
is complete, the write enable latch (WEL) bit is reset.
A page erase (PE) instruction applied to a page that is hardware or software protected is not
executed.
Any page erase (PE) instruction, while an erase, program or write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
If Reset (Reset) is driven Low while a page erase (PE) cycle is in progress, the page erase
cycle is interrupted and the programmed data may be corrupted (see Table 15: Device
status after a Reset Low pulse). On Reset going Low, the device enters the reset mode and
a time of tRHSL is then required before the device can be re-selected by driving Chip Select
(S) Low. For the value of tRHSL see Table 26: Timings after a Reset Low pulse in Section 11:
DC and AC parameters.
Figure 18.
Page erase (PE) instruction sequence
1.
Address bits A23 to A20 are don’t care.
24-bit address
C
D
AI04046
S
2
1
3456789
29 30 31
Instruction
0
23 22
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com