Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6TP Datasheet(PDF) 27 Page - Numonyx B.V

Part # M25PE80-VMP6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TP Datasheet(HTML) 27 Page - Numonyx B.V

Back Button M25PE80-VMP6TP Datasheet HTML 23Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 24Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 25Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 26Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 27Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 28Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 29Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 30Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 31Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
M25PE80
Instructions
27/66
6.5
Write status register (WRSR)
The write status register (WRSR) instruction allows new values to be written to the status
register.
Note:
The status register BPi and SRWD bits are available in the M25PE80 in the T9HX process
only. See Important note on page 6 for more details.
Before the write status register (WRSR) instruction can be accepted, a write enable
(WREN) instruction must previously have been executed. After the write enable (WREN)
instruction has been decoded and executed, the device sets the write enable latch (WEL).
The write status register (WRSR) instruction is entered by driving Chip Select (S) Low,
followed by the instruction code and the data byte on serial data input (D).
The instruction sequence is shown in Figure 11.
The write status register (WRSR) instruction has no effect on b6, b5, b1 and b0 of the status
register. b6 and b5 are always read as 0.
Chip Select (S) must be driven High after the eighth bit of the data byte has been latched in.
If not, the write status register (WRSR) instruction is not executed. As soon as Chip Select
(S) is driven High, the self-timed write status register cycle (whose duration is tW) is initiated.
While the write status register cycle is in progress, the status register may still be read to
check the value of the write in progress (WIP) bit. The write in progress (WIP) bit is 1 during
the self-timed write status register cycle, and is 0 when it is completed. When the cycle is
completed, the Write Enable Latch (WEL) is reset.
The write status register (WRSR) instruction allows the user to change the values of the
block protect (BP2, BP1, BP0) bits, to define the size of the area that is to be treated as
read-only, as defined in Table 4. The write status register (WRSR) instruction also allows the
user to set or reset the status register write disable (SRWD) bit in accordance with the Write
Protect (W) signal (see Section 6.4.4).
If a write status register (WRSR) instruction is interrupted by a Reset Low pulse, the internal
cycle of the write status register operation (whose duration is tW) is first completed (provided
that the supply voltage VCC remains within the operating range). After that the device enters
the reset mode (see also Table 15: Device status after a Reset Low pulse and Table 26:
Timings after a Reset Low pulse).
Figure 11.
Write status register (WRSR) instruction sequence
C
D
AI02282D
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
register in
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com