Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6TP Datasheet(PDF) 20 Page - Numonyx B.V

Part # M25PE80-VMP6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TP Datasheet(HTML) 20 Page - Numonyx B.V

Back Button M25PE80-VMP6TP Datasheet HTML 16Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 17Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 18Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 19Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 20Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 21Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 22Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 23Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 24Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Instructions
M25PE80
20/66
6
Instructions
All instructions, addresses and data are shifted in and out of the device, most significant bit
first.
Serial data input (D) is sampled on the first rising edge of Serial Clock (C) after Chip Select
(S) is driven Low. Then, the one-byte instruction code must be shifted in to the device, most
significant bit first, on serial data input (D), each bit being latched on the rising edges of
Serial Clock (C).
The instruction set is listed in Table 6.
Every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none.
In the case of a Read Data Bytes (READ), Read Data Bytes at Higher Speed (Fast_Read),
Read Identification (RDID), Read Status Register (RDSR), or Read Lock Register (RDLR)
instruction, the shifted-in instruction sequence is followed by a data-out sequence. Chip
Select (S) can be driven High after any bit of the data-out sequence is being shifted out.
In the case of a Page Write (PW), Page Program (PP), Write to Lock Register (WRLR),
Page Erase (PE), SubSector Erase (SSE), Sector Erase (SE), Bulk Erase (BE), Write
Enable (WREN), Write Disable (WRDI), Write Status Register (WRSR), Deep Power-down
(DP) or Release from Deep Power-down (RDP) instruction, Chip Select (S) must be driven
High exactly at a byte boundary, otherwise the instruction is rejected, and is not executed.
That is, Chip Select (S) must driven High when the number of clock pulses after Chip Select
(S) being driven Low is an exact multiple of eight.
All attempts to access the memory array during a write cycle, program cycle or erase cycle
are ignored, and the internal write cycle, program cycle or erase cycle continues unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com