Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6TP Datasheet(PDF) 28 Page - Numonyx B.V

Part # M25PE80-VMP6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TP Datasheet(HTML) 28 Page - Numonyx B.V

Back Button M25PE80-VMP6TP Datasheet HTML 24Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 25Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 26Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 27Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 28Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 29Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 30Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 31Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 32Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Instructions
M25PE80
28/66
The protection features of the device are summarized in Table 9.
When the status register write disable (SRWD) bit of the status register is 0 (its initial
delivery state), it is possible to write to the status register provided that the write enable latch
(WEL) bit has previously been set by a write enable (WREN) instruction, regardless of the
whether Write Protect (W) is driven High or Low.
When the status register write disable (SRWD) bit of the status register is set to ‘1’, two
cases need to be considered, depending on the state of Write Protect (W):
●
If write protect (W) is driven High, it is possible to write to the status register provided
that the write enable latch (WEL) bit has previously been set by a write enable (WREN)
instruction.
●
If write protect (W) is driven Low, it is not possible to write to the status register even if
the write enable latch (WEL) bit has previously been set by a write enable (WREN)
instruction. Attempts to write to the status register are rejected, and are not accepted
for execution. As a consequence, all the data bytes in the memory area that are
software protected (SPM2) by the block protect (BP2, BP1, BP0) bits of the status
register, are also hardware protected against data modification.
Regardless of the order of the two events, the hardware protected mode (HPM) can be
entered:
●
by setting the status register write disable (SRWD) bit after driving write protect (W)
Low
●
or by driving write protect (W) Low after setting the status register write disable
(SRWD) bit.
The only way to exit the hardware protected mode (HPM) once entered is to pull write
protect (W) High.
If write protect (W) is permanently tied High, the hardware protected mode (HPM) can never
be activated, and only the software protected mode (SPM2), using the block protect (BP2,
BP1, BP0) bits of the status register, can be used.
Table 9.
Protection modes (T9HX process only(1))
1.
See Important note on page 6.
W
signal
SRW
D bit
Mode
Write protection of the
status register
Memory content
Protected area(2)
2.
As defined by the values in the block protect (BP2, BP1, BP0) bits of the status register, as shown in
Table 4.
Unprotected area(2)
10
Second
software
protected
(SPM2)
Status register is writable
(if the WREN instruction
has set the WEL bit)
The values in the SRWD,
BP2, BP1 and BP0 bits
can be changed
Protected against
page program,
sector erase and
bulk erase
Ready to accept
page program and
sector erase
instructions
00
11
01
Hardware
protected
(HPM)
Status register is hardware
write protected
The values in the SRWD,
BP2, BP1 and BP0 bits
cannot be changed
Protected against
page program,
sector erase and
bulk erase
Ready to accept
page program and
sector erase
instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com