Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6TP Datasheet(PDF) 52 Page - Numonyx B.V

Part # M25PE80-VMP6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TP Datasheet(HTML) 52 Page - Numonyx B.V

Back Button M25PE80-VMP6TP Datasheet HTML 48Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 49Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 50Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 51Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 52Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 53Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 54Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 55Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 56Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
DC and AC parameters
M25PE80
52/66
Table 22.
AC characteristics
Test conditions specified in Table 17 and Table 18
Symbol
Alt.
Parameter
Min
Typ
Max
Unit
fC
fC
Clock frequency for the following
instructions: FAST_READ, RDLR, PW,
PP, WRLR, PE, SE, DP, RDP, WREN,
WRDI, RDSR
D.C.
50
MHz
fR
Clock frequency for read instructions
D.C.
20
MHz
tCH
(1)
1.
tCH + tCL must be greater than or equal to 1/ fC.
tCLH
Clock high time
9
ns
tCL
(1)
tCLL
Clock low time
9
ns
Clock slew rate(2) (peak to peak)
2.
Value guaranteed by characterization, not 100% tested in production.
0.1
V/ns
tSLCH
tCSS
S active setup time (relative to C)
5
ns
tCHSL
S not active hold time (relative to C)
5
ns
tDVCH
tDSU
Data in setup time
2
ns
tCHDX
tDH
Data in hold time
5
ns
tCHSH
S active hold time (relative to C)
5
ns
tSHCH
S not active setup time (relative to C)
5
ns
tSHSL
tCSH
S deselect time
100
ns
tSHQZ
(2)
tDIS
Output disable time
8
ns
tCLQV
tV
Clock low to output valid
8
ns
tCLQX
tHO
Output hold time
0
ns
tTHSL
Top sector lock setup time
50
ns
tSHTL
Top sector lock hold time
100
ns
tDP
(2)
S to deep power-down
3
µs
tRDP
(2)
S high to standby mode
30
µs
tPW
(3)
3.
When using PP and PW instructions to update consecutive bytes, optimized timings are obtained with one
sequence including all the bytes versus several sequences of only a few bytes (1
≤ n ≤ 256).
Page write cycle time (256 bytes)
11
25
ms
Page write cycle time (n bytes)
10.1 +
n * 0.9/256
tPP
(3)
Page program cycle time (256 bytes)
1.35
5ms
Page program cycle time (n bytes)
0.45 +
n * 0.9/256
tPE
Page erase cycle time
10
20
ms
tSE
Sector erase cycle time
1
5
s
tBE
Bulk erase cycle time
10
60
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com