Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6TP Datasheet(PDF) 31 Page - Numonyx B.V

Part # M25PE80-VMP6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TP Datasheet(HTML) 31 Page - Numonyx B.V

Back Button M25PE80-VMP6TP Datasheet HTML 27Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 28Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 29Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 30Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 31Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 32Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 33Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 34Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
M25PE80
Instructions
31/66
6.8
Read lock register (RDLR)
The device is first selected by driving Chip Select (S) Low. The instruction code for the read
lock register (RDLR) instruction is followed by a 3-byte address (A23-A0) pointing to any
location inside the concerned sector (or subsector). Each address bit is latched-in during
the rising edge of Serial Clock (C). Then the value of the lock register is shifted out on serial
data output (Q), each bit being shifted out, at a maximum frequency fC, during the falling
edge of Serial Clock (C).
The instruction sequence is shown in Figure 14.
The read lock register (RDLR) instruction is terminated by driving Chip Select (S) High at
any time during data output.
Any read lock register (RDLR) instruction, while an erase, program or write cycle is in
progress, is rejected without having any effects on the cycle that is in progress.
Table 10.
Lock registers
Bit
Bit name
Value
Function
b7-b4
Reserved
b1
Sector lock down
‘1’
The write lock and lock down bits cannot be changed. Once a ‘1’
is written to the lock down bit it cannot be cleared to ‘0’, except by
a reset or power-up.
‘0’
The write lock and lock down bits can be changed by writing new
values to them (default value).
b0
Sector write lock
‘1’
Write, program and erase operations in this sector will not be
executed. The memory contents will not be changed.
‘0’
Write, program and erase operations in this sector are executed
and will modify the sector contents (default value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com