Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6TP Datasheet(PDF) 60 Page - Numonyx B.V

Part # M25PE80-VMP6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TP Datasheet(HTML) 60 Page - Numonyx B.V

Back Button M25PE80-VMP6TP Datasheet HTML 56Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 57Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 58Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 59Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 60Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 61Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 62Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 63Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 64Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
Package mechanical
M25PE80
60/66
Figure 31.
QFN8L (MLP8) 8-lead, quad flat package no lead, 6 × 5 mm, package
outline
1.
Drawing is not to scale.
Table 28.
QFN8L (MLP8) 8-lead quad flat package no lead, 6 x 5 mm package
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.90
0.80
1.00
0.035
0.031
0.039
A1
0.02
0.00
0.05
0.001
0.000
0.002
A3
0.20
0.008
b
0.40
0.35
0.48
0.016
0.014
0.019
D
6.00
0.236
D2
3.00
2.80
3.20
0.118
0.110
0.126
E
5.00
0.197
E2
3.00
2.80
3.20
0.118
0.110
0.126
e
1.27
0.050
L
0.60
0.50
0.75
0.024
0.020
0.030
0.08
D2
L
b
5X_ME
E2
e
E
D
A
A3 A1
E2/2
0PIN 1 ID OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com