Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6TP Datasheet(PDF) 1 Page - Numonyx B.V

Part # M25PE80-VMP6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMP6TP Datasheet(HTML) 1 Page - Numonyx B.V

  M25PE80-VMP6TP Datasheet HTML 1Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 2Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 3Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 4Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 5Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 6Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 7Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 8Page - Numonyx B.V M25PE80-VMP6TP Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
April 2008
Rev 7
1/66
1
M25PE80
8-Mbit, page-erasable serial flash memory with
byte alterability, 75 MHz SPI bus, standard pinout
Features
■
SPI bus compatible serial interface
■
8-Mbit page-erasable flash memory
■
Page size: 256 bytes
– Page write in 11 ms (typical)
– Page program in 0.8 ms (typical)
– Page erase in 10 ms (typical)
■
Subsector erase (4 Kbytes)
■
Sector erase (64 Kbytes)
■
Bulk erase (8 Mbits)
■
2.7 V to 3.6 V single supply voltage
■
75 MHz clock rate (maximum)
■
Deep power-down mode 1 µA (typical)
■
Electronic signature
– JEDEC standard two-byte signature
(8014h)
– Unique ID code (UID) with 16 bytes read-
only, available upon customer request only
in the T9HX process
■
Software write protection on a 64-Kbyte sector
basis
■
Hardware write protection of the memory area
selected using the BP0, BP1 and BP2 bits
■
More than 100 000 write cycles
■
More than 20 years data retention
■
Packages
– ECOPACK® (RoHS compliant)
VFQFPN8 (MP)
6 x 5 mm (MLP8)
SO8W (MW)
208 mils width
SO8N (MN)
150 mils width
QFN8L (MS)
6 x 5 mm (MLP8)
www.numonyx.com


Similar Part No. - M25PE80-VMP6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE80-VMP6TP STMICROELECTRONICS-M25PE80-VMP6TP Datasheet
507Kb / 61P
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
15-Jan-2007
More results

Similar Description - M25PE80-VMP6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
28-May-2004
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
15-Jan-2007
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
23-Jan-2007
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
15-Dec-2006
M25PE20 STMICROELECTRONICS-M25PE20_07 Datasheet
482Kb / 60P
1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
25-Jan-2007
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
12-Apr-2007
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com