Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 24Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 25Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 26Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 27Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 28Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 29Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 30Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 31Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 28
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
9.7
Protected States and the Write Protect (WP) Pin
The WP pin is not linked to the memory array itself and has no direct effect on the protection status of the memory
array. Instead, the WP pin, in conjunction with the SPRL (Sector Protection Registers Locked) bit in the Status
Register, is used to control the hardware locking mechanism of the device. For hardware locking to be active, two
conditions must be met – the WP pin must be asserted and the SPRL bit must be in the logical 1 state.
When hardware locking is active, the Sector Protection Registers are locked and the SPRL bit itself is also locked.
Thus, sectors that are protected are locked in the protected state, and sectors that are unprotected are locked in
the unprotected state. These states cannot be changed as long as hardware locking is active, so the Protect
Sector, Unprotect Sector, and Write Status Register commands are ignored. In order to modify the protection
status of a sector, the WP pin must first be deasserted, and the SPRL bit in the Status Register must be reset back
to the logical 0 state using the Write Status Register command. When resetting the SPRL bit back to a logical 0, it
is not possible to perform a Global Protect or Global Unprotect at the same time since the Sector Protection
Registers remain soft-locked until after the Write Status Register command has been executed.
If the WP pin is permanently connected to GND, then once the SPRL bit is set to a logical 1, the only way to reset
the bit back to the logical 0 state is to power-cycle or reset the device. This allows a system to power-up with all
sectors software protected but not hardware locked. Thus, sectors can be unprotected and protected, as required,
and then hardware locked at a later time, by simply setting the SPRL bit in the Status Register.
When the WP pin is deasserted, or if the WP pin is permanently connected to VCC, the SPRL bit in the Status
Register can still be set to a logical 1 to lock the Sector Protection Registers. This provides a software locking
ability to prevent erroneous Protect Sector or Unprotect Sector commands from being processed. When changing
the SPRL bit to a logical 1 from a logical 0, it is also possible to perform a Global Protect or Global Unprotect at the
same time by writing the appropriate values into bits 5, 4, 3, and 2 of the Status Register.
Tables 6 and 7 detail the various protection and locking states of the device.
Table 6. Sector Protection Register States
WP
Sector Protection Register
n[1]
1. “n” represents a sector number
Sector
n(1)
X
(Don't Care)
0
Unprotected
1Protected
Table 7. Hardware and Software Locking
WP
SPRL
Locking
SPRL Change Allowed
Sector Protection Registers
0
0
Can be modified from 0 to 1
Unlocked and modifiable using the Protect and
Unprotect Sector commands. Global Protect and
Unprotect can also be performed.
01
Hardware
Locked
Locked
Locked in current state. Protect and Unprotect
Sector commands are ignored. Global Protect
and Unprotect cannot be performed.
1
0
Can be modified from 0 to 1
Unlocked and modifiable using the Protect and
Unprotect Sector commands. Global Protect and
Unprotect can also be performed.
11
Software
Locked
Can be modified from 1 to 0
Locked in current state. Protect and Unprotect
Sector commands are ignored. Global Protect
and Unprotect cannot be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com