Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 37Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 38Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 39Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 40Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 41Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 42Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 43Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 44Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 41
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
12.5 Exit Ultra-Deep Power-Down
To exit from the Ultra-Deep Power-Down mode, any one of the three operations described in the subsections
below can be performed.
12.5.1
Chip Select Toggle
The CS pin must simply be pulsed by asserting the CS pin, waiting the minimum necessary tCSLU time, and then
deasserting the CS pin again. To facilitate simple software development, a dummy byte opcode can also be
entered while the CS pin is being pulsed; the dummy byte opcode is simply ignored by the device in this case.
After the CS pin has been deasserted, the device exits from the Ultra-Deep Power-Down mode and return to the
standby mode within a maximum time of tXUDPD If the CS pin is reasserted before the tXUDPD time has elapsed
in an attempt to start a new operation, then that operation is ignored and nothing is performed.
Figure 34. Exit Ultra-Deep Power-Down (Chip Select Toggle)
12.5.2
Chip Select Low
By asserting the CS pin, waiting the minimum necessary tXUDPD time, and then clocking in the first bit of the next
Opcode command cycle. If the first bit of the next command is clocked in before the tXUDPD time has elapsed, the
device exits Ultra Deep Power Down, however the intended operation is ignored.
Figure 35. Exit Ultra-Deep Power-Down (Chip Select Low)
12.5.3
Power Cycling
The device can also exit the Ultra Deep Power Mode by power cycling the device. The system must wait for the
device to return to the standby mode before normal command operations can be resumed. Upon recovery from
Ultra Deep Power Down all internal registers are at their Power-On default state.
CS
SO
ICC
High-Impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tXUDPD
tCSLU
CS
SO
ICC
High-Impedance
Ultra-Deep Power-Down Mode Current
Active Current
tXUDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com