Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 43Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 44Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 45Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 46Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 47Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 48Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 49Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 50Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 47
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
13.8 Program and Erase Characteristics (-40°C to +85°C)
Symbol
Parameter
1.65V-3.6V
2.3V-3.6V
Min
Typ
Max
Min
Typ
Max
Units
tPP[1]
1. Maximum values indicate worst-case performance after 100,000 erase/program cycles.
Page Program Time (256 Bytes)
1.25
2.5
1.25
2.5
ms
tBP
Byte Program Time
8
8
µs
tPE
Page Erase Time (256 Bytes)
6
20
6
15
ms
tBLKE[1]
Block Erase Time
4 kBytes
40
60
40
50
ms
32 kBytes
250
500
250
400
64 kBytes
500
1000
500
800
tCHPE[1][2]
2. Not 100% tested (value guaranteed by design and characterization).
Chip Erase Time
2.0
4
2.0
3.2
sec
tOTPP[1]
OTP Security Register Program Time
400
950
400
950
µs
tWRSR
Write Status Register Time
200
200
ns
13.9 Program and Erase Characteristics (-40°C to +125°C)
Symbol
Parameter
1.7 V-3.6V
2.3V-3.6V
Min
Typ
Max
Min
Typ
Max
Units
tPP[1]
1. Maximum values indicate worst-case performance after 20,000 erase/program cycles.
Page Program Time (256 Bytes)
2
6
2
5
ms
tBP
Byte Program Time
12
12
µs
tPE
Page Erase Time (256 Bytes)
6
20
6
20
ms
tBLKE[1]
Block Erase Time
4 kBytes
45
100
45
100
ms
32 kBytes
300
700
300
700
64 kBytes
500
1400
500
1400
tCHPE[1][2]
2. Not 100% tested (value guaranteed by design and characterization).
Chip Erase Time
2.5
6
2.5
6
s
tOTPP[1]
OTP Security Register Program Time
400
950
400
950
µs
tWRSR
Write Status Register Time
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com