Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 22Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 23Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 24Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 25Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 26Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 27Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 28Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 29Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 26
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
Essentially, if the SPRL bit of the Status Register is in the logical 0 state (Sector Protection Registers are not
locked), then writing a 00h to the Status Register performs a Global Unprotect without changing the state of the
SPRL bit. Similarly, writing a 7Fh to the Status Register performs a Global Protect and keep the SPRL bit in the
logical 0 state. The SPRL bit can, of course, be changed to a logical 1 by writing an FFh if software-locking or
hardware-locking is desired along with the Global Protect.
If the desire is to only change the SPRL bit without performing a Global Protect or Global Unprotect, then the
system can simply write a 0Fh to the Status Register to change the SPRL bit from a logical 1 to a logical 0
provided the WP pin is deasserted. Likewise, the system can write an F0h to change the SPRL bit from a logical 0
Table 4. Valid SPRL and Global Protect/Unprotect Conditions
WP
State
Current
SPRL
Value
New
Write Status
Register Data
Protection Operation
New
SPRL
Value
Bit
7 6 5 4 3 2 1 0
00
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
?
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
?
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
0
0
0
0
0
1
1
1
1
1
0
1
x x x x x x x x
No change to the current protection level. All sectors currently protected remain
protected and all sectors currently unprotected remain unprotected.
The Sector Protection Registers are hard-locked and cannot be changed when
the WP pin is LOW and the current state of SPRL is 1. Thus, a Global
Protect/Unprotect does not occur. Also, the SPRL bit cannot be changed (the
WP pin must be HIGH in order to change SPRL back to a 0).
10
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
?
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
?
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
0
0
0
0
0
1
1
1
1
1
11
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
?
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
?
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
No change to the current protection level. All sectors currently
protected remain protected, and all sectors currently unprotected
remain unprotected.
The Sector Protection Registers are soft-locked and cannot be
changed when the current state of SPRL is 1. Thus, a Global
Protect/Unprotect does not occur. However, the SPRL bit can be
changed back to a 0 from a 1 since the WP pin is HIGH. To perform
a Global Protect/Unprotect, the Write Status Register command
must be issued again after the SPRL bit has been changed from a 1
to a 0.
0
0
0
0
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com