Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 18Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 19Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 20Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 21Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 22Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 23Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 24Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 25Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 22
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
8.6
Chip Erase
The entire memory array can be erased in a single operation by using the Chip Erase command. Before a Chip
Erase command can be started, the Write Enable command must have been previously issued to the device to set
the WEL bit of the Status Register to a logical 1 state.
Two opcodes (60h and C7h) can be used for the Chip Erase command. There is no difference in device
functionality when utilizing the two opcodes, so they can be used interchangeably. To perform a Chip Erase, one
of the two opcodes must be clocked into the device. Since the entire memory array is to be erased, no address
bytes are required to be clocked into the device, and any data clocked in after the opcode is ignored. When the CS
pin is deasserted, the device erases the entire memory array. The erasing of the device is internally self-timed and
takes place in a time of tCHPE.
The complete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on an even byte boundary (multiples of eight bits); otherwise, no erase is performed. Also, if any
sector in the memory array is in the protected state, then the Chip Erase command is not executed, and the
device returns to the idle state once the CS pin has been deasserted. The WEL bit in the Status Register is reset
back to the logical 0 state if the CS pin is deasserted on uneven byte boundaries or if the memory is in the
protected state.
While the device is executing a successful erase cycle, the Status Register can be read and indicates that the
device is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the
tCHPE time to determine if the device has finished erasing. At some point before the erase cycle completes, the
WEL bit in the Status Register is reset back to the logical 0 state.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error occurs, it is indicated by the EPE bit in the Status Register.
Figure 18. Chip Erase
SCK
CS
SI
SO
MSB
23
1
0
CCCCCCCC
67
5
4
OPCODE
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com