Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 23Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 24Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 25Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 26Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 27Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 28Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 29Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 30Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 27
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
to a logical 1 without affecting the current sector protection status (no changes are made to the Sector Protection
Registers).
When writing to the Status Register, bits 5, 4, 3, and 2 are not actually modified but are decoded by the device for
the purposes of the Global Protect and Global Unprotect functions. Only bit 7, the SPRL bit, is modified. Thus,
when reading the Status Register, bits 5, 4, 3, and 2 do not reflect the values written to them but instead indicate
the status of the WP pin and the sector protection status. See the “Read Status Register” section and Table 9 on
page 31 for details on the Status Register format and what values can be read for bits 5, 4, 3, and 2.
9.6
Read Sector Protection Registers
The Sector Protection Registers can be read to determine the current software protection status of each sector.
Reading the Sector Protection Registers, however, does not determine the status of the WP pin.
To read the Sector Protection Register for a particular sector, the CS pin must first be asserted and the opcode of
3Ch must be clocked in. Once the opcode has been clocked in, three address bytes designating any address
within the sector must be clocked in. After the last address byte has been clocked in, the device begins outputting
data on the SO pin during every subsequent clock cycle. The data being output are a repeating byte of either FFh
or 00h to denote the value of the appropriate Sector Protection Register.
Deasserting the CS pin stops the read operation and put the SO pin into a high-impedance state. The CS pin can
be deasserted at any time and does not require that a full byte of data be read.
In addition to reading the individual Sector Protection Registers, the Software Protection Status (SWP) bit in the
Status Register can be read to determine if all, some, or none of the sectors are software protected (refer to the
“Status Register Commands” on page 31 for more details).
Figure 23. Read Sector Protection Register
Table 5. Read Sector Protection Register – Output Data
Output Data
Sector Protection Register Value
00h
Sector Protection Register value is 0 (sector is unprotected).
FFh
Sector Protection Register value is 1 (sector is protected).
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111100
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
AAAA
AAA
AA
MSB
MSB
DDDDDDDD
D
D
ADDRESS BITS A23-A0
DATA BYTE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com