Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 30Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 31Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 32Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 33Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 34Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 35Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 36Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 37Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 34
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
11.2 Active Status Interrupt
To simplify the readout of the RDY/BSY bit, the Active Status Interrupt command (25h) can be used. It is then not
necessary to continuously read the status register, it is sufficient to monitor the value of the SO line. If the SO line
is connected to an interrupt line on the host controller, the host controller can be in sleep mode until the SO line
indicates that the AT25DN021A is ready for the next command.
The RDY/BSY bit can be read at any time, including during an internally self-timed program or erase operation.
To enable the Active Status Interrupt command, the CS pin must first be asserted and the opcode of 25h must be
clocked into the device. For SPI Mode3, at least one dummy bit has to be clocked into the device after the last bit
of the opcode has been clocked in. (In most cases, this is most easily done by sending a dummy byte to the
device.) The value of the SI line after the opcode is clocked in is of no significance to the operation. For SPI Mode
0, this dummy bit (dummy byte) is not required.
The value of RDY/BSY is then output on the SO line, and is continuously updated by the device for as long as the
CS pin remains asserted. Additional clocks on the SCK pin are not required. If the RDY/BSY bit changes from 1 to
0 while the CS pin is asserted, the SO line changes from 1 to 0. (The RDY/BSY bit cannot change from 0 to 1
during an operation, so if the SO line already is 0, it does not change.)
Deasserting the CS pin stops the Active Status Interrupt operation and put the SO pin into a high-impedance
state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 27. Active Status Interrupt
1
RDY/BSY
OPCODE
High-Impedance
High-Impedance
SO
SI
SCK
CS
MSB
11
00
00
0
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com