Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 48Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 49Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 50Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 51Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 52Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 53Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 54Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 55Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 52
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
16. Ordering Information
Ordering Code[1]
1. The shipping carrier code is not marked on the device.
Package
Lead
Finish
Operating
Voltage
Max.
Freq.
Temperature
Range
AT25DF021A-SSHN-B
JEDEC SOIC: 8-lead, 0.150" Wide,
Plastic Gull Wing Small Outline Pkg
NiPdAu
1.65 V to 3.6 V
104 MHz
Industrial
(-40°C to +85°C)
AT25DF021A-SSHN-T
AT25DF021A-MHN-Y
UDFN: 8-pad, 5 x 6 x 0.6 mm,
Thermally Enhanced Plastic Ultra
Thin Dual Flat No Lead Pkg
AT25DF021A-MHN-T
AT25DF021A-MAHN-T
UDFN: 8-pad, 2 x 3 x 0.6 mm
Thermally Enhanced Plastic Ultra
Thin Dual Flat No Lead Pkg
AT25DF021A-XMHN-B
8X: 8-lead, Thin Shrink Small Outline
Pkg
AT25DF021A-XMHN-T
AT25DF021A-UUN-T
8-WLCSP: 8-ball, 3 x 2 x 3 mm Ball
Matrix, 0.35 mm Z-height
SnAgCu
AT25DF021A-DWF[2]
2. Contact Renesas Electronics for mechanical drawing and Die sales information.
Die in Wafer Form
n/a
AT25DF021A-SSHNHR-T
JEDEC SOIC: 8-lead, 0.150" Wide,
Plastic Gull Wing Small Outline Pkg
NiPdAu
1.7 V to 3.6 V
85 MHz
Extended
(-40°C to +125°C)
AT25DF021A-MHNHR-T
UDFN: 8-pad, 2 x 3 x 0.6 mm or 5 x 6
x 0.6 mm, Thermally Enhanced
Plastic Ultra Thin Dual Flat No Lead
Pkg
AT25DF021A-MAHNHR-T
AT25DF021A-XMHNHR-T
8X: 8-lead, Thin Shrink Small Outline
Package
AT25DF021A-UUNHR-T
8-WLCSP: 8-ball, 3 x 2 x 3 mm Ball
Matrix, 0.35 mm Z-height
SnAgCu
AT25DF021A-DWFHT [2]
Die in Wafer Form
n/a
AT25DF021A-DWFAT[2][3]
3. Automotive Service Pack.
AT 2 5 D
0 2
S S
N
HB
1A –
–
F
Designator
Product Family
Device Density
021 = 2-Megabit
Package Option
MA = 8-pad, 2 x 3 x 0.6 mm UDFN
M = 8-pad, 5 x 6 x 0.6 mm UDFN
SS = 8-lead, 0.150" SOIC
U = 8-ball WLCSP
XM = 8-lead TSSOP
DWF = Die in Wafer Form
Device Grade
Shipping Carrier Option
Operating Voltage
Blank or N = 1.65 V or 1.7 V to 3.6 V
Generation
HR
Temperature Code
HR, HT, AT = -40°C to +125°C
Blank = -40°C to +85°C
B = Bulk (tubes)
T = Tape and reel
Y = Tray
H = Green, NiPdAu lead finish, industrial
U = Green, Matte Sn or Sn alloy
Blank = for DWF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com