Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 41Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 42Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 43Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 44Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 45Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 46Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 47Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 48Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 45
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
13.4 DC Characteristics (-40°C to +125°C)
Symbol
Parameter
Condition
1.7 V to 3.6 V
2.3 V to 3.6 V
Units
Min
Typ
Max
Min
Typ
Max
IUDPD
Ultra-Deep Power-
Down Current
CS = VCC. All other inputs
at 0 V or VCC
0.2
1
0.3
1
µA
IDPD
Deep Power-Down
Current
CS = VCC. All other inputs
at 0 V or VCC
540
8
40
µA
ISB
Standby Current
CS = VCC. All other inputs
at 0 V or VCC
25
65
25
65
µA
ICC1[1][2]
1. Typical values measured at 1.8 V @ 25°C for the 1.7 V to 3.6 V range.
2. Typical values measured at 3.0 V @ 25°C for the 2.3 V to 3.6 V range.
Active Current, Low
Power Read (03h,
0Bh) Operation
f = 1 MHz; IOUT = 0 mA
4.5
6
5
6
mA
f = 20 MHz; IOUT = 0 mA
5
7
6
7
mA
ICC2[2][3]
Active Current,
Read Operation
f = 50 MHz; IOUT = 0 mA
5
7
6
7
mA
f = 85 MHz; IOUT = 0 mA
5
7
6
7
mA
ICC3[2][3]
Active Current,
Program Operation
CS = VCC
11
14.5
12
14.5
mA
ICC4[2][3]
Active Current,
Erase Operation
CS = VCC
11
14.5
12
14.5
mA
ILI
Input Load Current
All inputs at CMOS levels
1
1
µA
ILO
Output Leakage
Current
All inputs at CMOS levels
1
1
µA
VIL
Input Low Voltage
VCC x 0.2
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.8
VCC x 0.7
V
VOL
Output Low Voltage
IOL = 100 µA
0.2
0.2
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2 V
VCC - 0.2V
V
13.5 AC Characteristics - Maximum Clock Frequencies (-40°C to +85°C)
Symbol
Parameter
1.65 V to 3.6 V
2.3 V to 3.6 V
Unit
s
Min
Typ
Max
Min
Typ
Max
fCLK
Maximum Clock Frequency for All Operations
(excluding 0Bh opcode)
104
104
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode
(Read Array – Low Frequency)
25
33
MHz
fRDDO
Maximum Clock Frequency for 3B Opcode
50
50
MHz
13.6 AC Characteristics - Maximum Clock Frequencies (-40°C to +125°C)
Symbol
Parameter
1.7 V to 3.6 V
2.3 V to 3.6 V
Unit
s
Min
Typ
Max
Min
Typ
Max
fCLK
Maximum Clock Frequency for All Operations
(excluding 0Bh opcode)
85
85
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode
(Read Array – Low Frequency)
25
25
MHz
fRDDO
Maximum Clock Frequency for 3B Opcode
40
40
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com