Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 27Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 28Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 29Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 30Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 31Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 32Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 33Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 34Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 31
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
11. Status Register Commands
11.1 Read Status Register
The Status Register can be read to determine the device's ready/busy status, as well as the status of many other
functions such as Hardware Locking and Software Protection. The Status Register can be read at any time,
including during an internally self-timed program or erase operation.The Status Register consists of two bytes.
To read the Status Register, the CS pin must first be asserted and the opcode of 05h must be clocked into the
device. After the opcode has been clocked in, the device begins outputting Status Register data on the SO pin
during every subsequent clock cycle. After the last bit (bit 0) of Status Register Byte 2 has been clocked out, the
sequence repeats itself, starting again with bit 7 of Status Register Byte 1, as long as the CS pin remains asserted
and the clock pin is being pulsed. The data in the Status Register is constantly being updated, so each repeating
sequence outputs new data.
Deasserting the CS pin stops the Read Status Register operation and put the SO pin into a high-impedance state.
The CS pin can be deasserted at any time and does not require that a full byte of data be read.
11.1.1
SPRL Bit
The SPRL bit is used to control whether the Sector Protection Registers can be modified or not. When the SPRL
bit is in the logical 1 state, all Sector Protection Registers are locked and cannot be modified with the Protect
Sector and Unprotect Sector commands (the device ignores these commands). Also, the Global Protect and
Global Unprotect features cannot be performed. Any sectors that are presently protected remain protected, and
any sectors that are presently unprotected remain unprotected.
Table 9. Status Register Format
Bit[1]
1. Only bit 7 of the Status Register are modified when using the Write Status Register command.
Name
Type[2]
2. R/W = Readable and writable
R = Readable only
Description
7
SPRL
Sector Protection Registers Locked
R/W
0
Sector Protection Registers are unlocked (default).
1
Sector Protection Registers are locked.
6
SPM
Sequential Program Mode Status
R
0
Byte/Page Programming Mode (default).
1
Sequential Programming Mode entered.
5
EPE
Erase/Program Error
R
0
Erase or program operation was successful.
1
Erase or program error detected.
4
WPP
Write Protect (WP) Pin Status
R
0WP is asserted.
1WP is deasserted.
3:2
SWP
Software Protection Status
R
00
All sectors are software unprotected (all Sector
Protection Registers are 0).
01
Some sectors are software protected. Read
individual Sector Protection Registers to determine
which sectors are protected.
10
Reserved for future use.
11
All sectors are software protected (all Sector
Protection Registers are 1 – default).
1
WEL
Write Enable Latch Status
R
0
Device is not write enabled (default).
1
Device is write enabled.
0
RDY/BS
Y
Ready/Busy Status
R
0
Device is ready.
1
Device is busy with an internal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com