Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A-DWFHT Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # AT25DF021A-DWFHT
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A-DWFHT Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button AT25DF021A-DWFHT Datasheet HTML 19Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 20Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 21Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 22Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 23Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 24Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 25Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 26Page - Renesas Technology Corp AT25DF021A-DWFHT Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 23
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
9.
Protection Commands and Features
9.1
Write Enable
The Write Enable command is used to set the Write Enable Latch (WEL) bit in the Status Register to a logical 1
state. The WEL bit must be set before a Byte/Page Program, Erase, Program OTP Security Register, or Write
Status Register command can be executed. This makes the issuance of these commands a two step process,
thereby reducing the chances of a command being accidentally or erroneously executed. If the WEL bit in the
Status Register is not set prior to the issuance of one of these commands, then the command is not executed.
To issue the Write Enable command, the CS pin must first be asserted and the opcode of 06h must be clocked
into the device. No address bytes are required to be clocked into the device, and any data clocked in after the
opcode is ignored. When the CS pin is deasserted, the WEL bit in the Status Register is set to a logical 1. The
complete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on an even byte boundary (multiples of eight bits); otherwise, the device stops the operation and the
state of the WEL bit does not change.
Figure 19. Write Enable
9.2
Write Disable
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Register to the logical
0 state. With the WEL bit reset, all Byte/Page Program, Erase, Program OTP Security Register, and Write Status
Register commands is not executed. Other conditions can also cause the WEL bit to be reset; for more details,
refer to the WEL bit section of the Status Register description.
To issue the Write Disable command, the CS pin must first be asserted and the opcode of 04h must be clocked
into the device. No address bytes are required to be clocked into the device, and any data clocked in after the
opcode is ignored. When the CS pin is deasserted, the WEL bit in the Status Register is reset to a logical 0. The
complete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on an even byte boundary (multiples of eight bits); otherwise, the device stops the operation and the
state of the WEL bit does not change.
Figure 20. Write Disable
SCK
CS
SI
SO
MSB
23
1
0
00000110
67
5
4
OPCODE
High-Impedance
SCK
CS
SI
SO
MSB
23
1
0
00000100
67
5
4
OPCODE
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com